Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD2755 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # TMD2755
Description  ALS Proximity Sensor Module
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2755 Datasheet(HTML) 2 Page - OSRAM GmbH

  TMD2755 Datasheet HTML 1Page - OSRAM GmbH TMD2755 Datasheet HTML 2Page - OSRAM GmbH TMD2755 Datasheet HTML 3Page - OSRAM GmbH TMD2755 Datasheet HTML 4Page - OSRAM GmbH TMD2755 Datasheet HTML 5Page - OSRAM GmbH TMD2755 Datasheet HTML 6Page - OSRAM GmbH TMD2755 Datasheet HTML 7Page - OSRAM GmbH TMD2755 Datasheet HTML 8Page - OSRAM GmbH TMD2755 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
Datasheet, Public
Page 1
[v3-00] 2023-Jan-02
Document Feedback
TMD2755
ALS + Proximity Sensor Module
The TMD2755 features proximity detection and digital ambient
light sensing (ALS). The extremely narrow 1.1mm module
incorporates an IR VCSEL and factory calibrated VCSEL driver.
The proximity detection feature provides object detection (e.g.
mobile device screen to user’s ear) by photodiode detection of
reflected IR energy (sourced by the integrated VCSEL).
Detect/release events are interrupt driven, and occur when
proximity result crosses upper and/or lower threshold settings.
The proximity engine features a wide range offset adjustment
to compensate for unwanted IR energy reflection at the sensor.
Proximity results are further improved by automatic ambient
light subtraction. The ALS and IR photodiodes have dedicated
data converters producing 16-bit data. This architecture allows
applications to accurately measure ambient light which
enables devices to calculate illuminance to control display
backlight.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of TMD2755, ALS + Proximity Sensor
Module are listed below:
Figure 1:
Added Value of Using TMD2755
Benefits
Features
• Optimized for narrow bezel mobile phones
• Small narrow 1.1mm x 3.25mm x 0.60mm module
• Reduced power consumption
• 1.8V power supply with 1.8V I²C bus
• Sleep mode (0.7μA)
• VCSEL IR emitter
• Enabled superior proximity detection
• Integrated factory calibrated 940nm IR VCSEL
• Crosstalk and ambient light cancellation
• Wide configuration range
• Accurate ambient light sensing
• High sensitivity
• 2 channels (photopic ALS + IR)
• Programmable gain and integration time
• Industrial design flexibility
• Offset emitter/detector package design
General Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com