Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD2755 Datasheet(PDF) 32 Page - OSRAM GmbH

Part # TMD2755
Description  ALS Proximity Sensor Module
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2755 Datasheet(HTML) 32 Page - OSRAM GmbH

Back Button TMD2755 Datasheet HTML 28Page - OSRAM GmbH TMD2755 Datasheet HTML 29Page - OSRAM GmbH TMD2755 Datasheet HTML 30Page - OSRAM GmbH TMD2755 Datasheet HTML 31Page - OSRAM GmbH TMD2755 Datasheet HTML 32Page - OSRAM GmbH TMD2755 Datasheet HTML 33Page - OSRAM GmbH TMD2755 Datasheet HTML 34Page - OSRAM GmbH TMD2755 Datasheet HTML 35Page - OSRAM GmbH TMD2755 Datasheet HTML 36Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
Datasheet, Public
Page 31
[v3-00] 2023-Jan-02
Document Feedback
TMD2755 − Register Description
PWTIME Register (Address 0xA9)
Figure 46:
PWTIME Register
The wait timer is implemented using a down counter. Wait time
= Increment x 2.78ms. If PWLONG is enabled then Wait time =
Increment x 2.78ms x 12.
CFG8 Register (Address 0xAA)
Figure 47:
CFG8 Register
Addr: 0xA9
PWTIME
Bit
Bit Name
Default
Access
Bit Description
7:0
PWTIME
0x00
RW
Value that specifies the wait time in 2.78ms increments.
Value
Increments
Wait Time
0x00
1
2.78ms (33.4ms)
0x01
2
5.56ms (66.7ms)
0x11
18
50.0ms (600ms)
0x23
36
100ms (1.20s)
0x3F
64
178ms (2.14s)
0xFF
256
712ms (8.54s)
Addr: 0xAA
CFG8
Bit
Bit Name
Default
Access
Bit Description
7:0
Reserved
0x2A
RW
Reserved. Must be set to 0x29.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com