Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD2755 Datasheet(PDF) 23 Page - OSRAM GmbH

Part # TMD2755
Description  ALS Proximity Sensor Module
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2755 Datasheet(HTML) 23 Page - OSRAM GmbH

Back Button TMD2755 Datasheet HTML 19Page - OSRAM GmbH TMD2755 Datasheet HTML 20Page - OSRAM GmbH TMD2755 Datasheet HTML 21Page - OSRAM GmbH TMD2755 Datasheet HTML 22Page - OSRAM GmbH TMD2755 Datasheet HTML 23Page - OSRAM GmbH TMD2755 Datasheet HTML 24Page - OSRAM GmbH TMD2755 Datasheet HTML 25Page - OSRAM GmbH TMD2755 Datasheet HTML 26Page - OSRAM GmbH TMD2755 Datasheet HTML 27Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
Page 22
Datasheet, Public
Document Feedback
[v3-00] 2023-Jan-02
TMD2755 − Register Description
PERS Register (Address 0x8C)
Figure 29:
PERS Register
The frequency of consecutive proximity channel results outside
of threshold limits are counted; this count value is compared
against the PPERS value. If the counter is equal to the PPERS
value an interrupt is asserted. Any time a proximity channel
result is inside the threshold values the counter is cleared.
Addr: 0x8C
PERS
Bit
Bit Name
Default
Access
Bit Description
7:4
PPERS
0
(0000)
RW
This register sets the proximity persistence filter.
Value
Interrupt
0 (0000)
Every proximity cycle
1 (0001)
Any value outside proximity thresholds
2 (0010)
2 consecutive proximity values out of range
3 (0011)
3 consecutive proximity values out of range
…….
15 (1111)
15 consecutive proximity values out of range
3:0
APERS
0
(0000)
RW
This register sets the ALS persistence filter.
0 (0000)
Every ALS cycle
1 (0001)
Any value outside ALS thresholds
2 (0010)
2 consecutive ALS values out of range
3 (0011)
3 consecutive ALS values out of range
4 (0100)
5 consecutive ALS values out of range
5 (0101)
10 consecutive ALS values out of range
6 (0110)
15 consecutive ALS values out of range
7 (0111)
20 consecutive ALS values out of range
……
13 (1101)
50 consecutive ALS values out of range
14 (1110)
55 consecutive ALS values out of range
15 (1111)
60 consecutive ALS values out of range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com