Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD2755 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # TMD2755
Description  ALS Proximity Sensor Module
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2755 Datasheet(HTML) 4 Page - OSRAM GmbH

  TMD2755 Datasheet HTML 1Page - OSRAM GmbH TMD2755 Datasheet HTML 2Page - OSRAM GmbH TMD2755 Datasheet HTML 3Page - OSRAM GmbH TMD2755 Datasheet HTML 4Page - OSRAM GmbH TMD2755 Datasheet HTML 5Page - OSRAM GmbH TMD2755 Datasheet HTML 6Page - OSRAM GmbH TMD2755 Datasheet HTML 7Page - OSRAM GmbH TMD2755 Datasheet HTML 8Page - OSRAM GmbH TMD2755 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
Datasheet, Public
Page 3
[v3-00] 2023-Jan-02
Document Feedback
TMD2755 − Pin Assignments
Figure 3:
Pin Diagram
Figure 4:
Pin Description of TMD2755
Pin Number
Pin Name
Description
1INT
Interrupt. Open drain output (active low). If INT is not used, tie to
GND for enhanced ESD protection.
2
GND
Ground. All voltages are referenced to GND.
3
VDD3
Supply voltage for IR emitter (3.0/3.3V)
4VDD
Supply voltage for sensor (1.8V). To enable the device to recover
from a high voltage ESD strike, it is recommended to connect
VDD to a host GPIO pin for independent power control.
5
SCL
I²C serial clock input terminal
6
SDA
I²C serial data I/O terminal
Pin Assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com