Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD2755 Datasheet(PDF) 33 Page - OSRAM GmbH

Part # TMD2755
Description  ALS Proximity Sensor Module
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2755 Datasheet(HTML) 33 Page - OSRAM GmbH

Back Button TMD2755 Datasheet HTML 29Page - OSRAM GmbH TMD2755 Datasheet HTML 30Page - OSRAM GmbH TMD2755 Datasheet HTML 31Page - OSRAM GmbH TMD2755 Datasheet HTML 32Page - OSRAM GmbH TMD2755 Datasheet HTML 33Page - OSRAM GmbH TMD2755 Datasheet HTML 34Page - OSRAM GmbH TMD2755 Datasheet HTML 35Page - OSRAM GmbH TMD2755 Datasheet HTML 36Page - OSRAM GmbH TMD2755 Datasheet HTML 37Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
Page 32
Datasheet, Public
Document Feedback
[v3-00] 2023-Jan-02
TMD2755 − Register Description
CFG3 Register (Address 0xAB)
Figure 48:
CFG3 Register
The SAI bit sets the device operational mode following the
completion of an ALS or proximity cycle. If AINT and AIEN are
both set or if PINT and PIEN are both set, causing an interrupt
on the INT pin, and the SAI bit is set, then the oscillator will
deactivate. The device will appear as if PON = 0, however, PON
will read as 1. The device can only be reactivated (oscillator
enabled) by clearing the interrupts in the STATUS register.
CFG6 Register (Address 0xAE)
Figure 49:
CFG6 Register
Addr: 0xAB
CFG3
Bit
Bit Name
Default
Access
Bit Description
7
INT_READ_CLEAR
0
RW
If set, then flag bits in the STATUS register will be
reset whenever the STATUS register is read over I²C.
6:5
Reserved
0
RW
Reserved. Must be set to default value.
4SAI
0
RW
The Sleep After Interrupt bit is used to place the
device into a low power mode upon an interrupt pin
assertion.
PON
SAI
INT
Oscillator
0X
X
OFF
10
X
ON
11
1
ON
11
0
OFF
3:0
Reserved
0001
RW
Reserved. Must be set to default value.
Addr: 0xAE
CFG6
Bit
Bit Name
Default
Access
Bit Description
7
Reserved
0
RW
Reserved. Must be set to default value.
6
APC_
DISABLE
0RW
Proximity automatic pulse control (APC) disable.
0 = APC enable
1 = APC disable
5:0
Reserved
111111
RW
Reserved. Must be set to default value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com