Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD2755 Datasheet(PDF) 26 Page - OSRAM GmbH

Part # TMD2755
Description  ALS Proximity Sensor Module
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2755 Datasheet(HTML) 26 Page - OSRAM GmbH

Back Button TMD2755 Datasheet HTML 22Page - OSRAM GmbH TMD2755 Datasheet HTML 23Page - OSRAM GmbH TMD2755 Datasheet HTML 24Page - OSRAM GmbH TMD2755 Datasheet HTML 25Page - OSRAM GmbH TMD2755 Datasheet HTML 26Page - OSRAM GmbH TMD2755 Datasheet HTML 27Page - OSRAM GmbH TMD2755 Datasheet HTML 28Page - OSRAM GmbH TMD2755 Datasheet HTML 29Page - OSRAM GmbH TMD2755 Datasheet HTML 30Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 54 page
background image
Datasheet, Public
Page 25
[v3-00] 2023-Jan-02
Document Feedback
TMD2755 − Register Description
PCFG1 Register (Address 0x8F)
Figure 32:
PCFG1 Register
PCFG2 Register (Address 0x90)
Figure 33:
PCFG2 Register
Addr: 0x8F
PCFG1
Bit
Bit Name
Default
Access
Bit Description
7:6
PPULSE_
LENH
00
RW
These bits are the 2 most significant bits of the 10-bit
Pulse Length control setting. The lower 8 bits are in the
PCFG2 register. See the PCFG2 register for details.
5:4
Reserved
11
RW
Reserved. Must be set to default value.
3:0
PLDRIVE
2
(0010)
RW
This field sets the drive strength of the IR VCSEL
current. Values are approximate; actual current
through the VCSEL is factory trimmed to normalize IR
intensity.
Value
VCSEL Current
5 (0101)
7mA
6 (0110)
8mA
7 (0111)
9mA
8 (1000)
10mA
All other values
Reserved
Addr: 0x90
PCFG2
Bit
Bit Name
Default
Access
Bit Description
7:0
PPULSE_LENL
0x20
RW
These bits are the 8 least significant bits of the 10-bit
Pulse Length control setting. The upper 2 bits are in
the PCFG1 register. The minimum pulse length is 32μs.
Value
Pulse Length
30 (0000011110)
32μs
31 (0000011111)
33μs
Pulse Length = (PULSE_LEN + 2) μs
1023 (1111111111)
1025μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com