Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2521 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # TSL2521
Description  Highly Sensitive Ambient Light Sensor with Selective Flicker Detection and Fast Sampling for Brightness Control or Auxiliary to Camera
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2521 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button TSL2521 Datasheet HTML 2Page - OSRAM GmbH TSL2521 Datasheet HTML 3Page - OSRAM GmbH TSL2521 Datasheet HTML 4Page - OSRAM GmbH TSL2521 Datasheet HTML 5Page - OSRAM GmbH TSL2521 Datasheet HTML 6Page - OSRAM GmbH TSL2521 Datasheet HTML 7Page - OSRAM GmbH TSL2521 Datasheet HTML 8Page - OSRAM GmbH TSL2521 Datasheet HTML 9Page - OSRAM GmbH TSL2521 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 81 page
background image
Datasheet, Public
Page 5
[v3-00] 2022-Dec-21
Document Feedback
TSL2521 − Absolute Maximum Ratings
Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. These are stress
ratings only. Functional operation of the device at these or any
other conditions beyond those indicated under Recommended
Operating Conditions is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
All voltages with respect to VSS. Device parameters are
guaranteed at VDD = 1.8 V and TA = 25°C unless otherwise noted.
Figure 5:
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Units
Comments
Electrical Parameters
VDD
Supply voltage
-0.3
1.98
V
VIO
Digital I/O terminal voltage
-0.3
3.6
IIO
Output terminal current
-1
20
mA
Electrostatic Discharge
ESDHBM
HBM electrostatic discharge
± 2000
V
ANSI/ESDA/JEDEC
JS-001-2017
ESDCDM
CDM electrostatic discharge
± 500
V
ANSI/ESDA/JEDEC
JS-002-2018
ISCR
Input current (latch-up immunity)
± 100
mA
JEDEC JESD78E Class II
Temperature Ranges and Storage Conditions
TSTRG
Storage temperature range
-40
85
°C
TA
Operating temperature range
-30
85
TBODY
Package body temperature
260
°C
IPC/JEDEC J-STD-020
The reflow peak soldering
temperature (body temperature) is
specified according to IPC/JEDEC
J-STD-020 “Moisture/Reflow
Sensitivity Classification for
Non-hermetic Solid State Surface
Mount Devices.”
RHNC
Relative humidity
(non-condensing)
85
%
MSL
Moisture sensitivity level
3
Represents a max. floor life time of
168h
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com