Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2521 Datasheet(PDF) 44 Page - OSRAM GmbH

Part # TSL2521
Description  Highly Sensitive Ambient Light Sensor with Selective Flicker Detection and Fast Sampling for Brightness Control or Auxiliary to Camera
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2521 Datasheet(HTML) 44 Page - OSRAM GmbH

Back Button TSL2521 Datasheet HTML 40Page - OSRAM GmbH TSL2521 Datasheet HTML 41Page - OSRAM GmbH TSL2521 Datasheet HTML 42Page - OSRAM GmbH TSL2521 Datasheet HTML 43Page - OSRAM GmbH TSL2521 Datasheet HTML 44Page - OSRAM GmbH TSL2521 Datasheet HTML 45Page - OSRAM GmbH TSL2521 Datasheet HTML 46Page - OSRAM GmbH TSL2521 Datasheet HTML 47Page - OSRAM GmbH TSL2521 Datasheet HTML 48Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 81 page
background image
Datasheet, Public
Page 43
[v3-00] 2022-Dec-21
Document Feedback
TSL2521 − Register Overview
INTENAB Register
Figure 53:
INTENAB
Note(s):
1. Return to the Register Map (0xBA).
Addr: 0xBA
INTENAB
Bit
Field
Reset
Type
Bit Description
7MIEN
0
R/W
Modulator Interrupt Enable. Setting this bit will
allow a modulator interrupt on the external INT pin.
Please check in STATUS2 for the reason of the
interrupt.
6:4
Reserved
0
3AIEN
0
R/W
ALS Interrupt Enable. Setting this bit will allow an
ALS interrupt on the external INT pin. Please check
in STATUS3 for the reason of the interrupt.
2
FIEN
0
FIFO Interrupt Enable. Setting this bit will allow a
FIFO interrupt on the external INT pin. Check FINT
for further information.
1Reserved
0
0
SIEN
0
R/W
System Interrupt Enable. Setting this bit will allow a
system interrupt on the external INT pin. Please
check in STATUS3 for the reason of the interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com