Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2521 Datasheet(PDF) 28 Page - OSRAM GmbH

Part # TSL2521
Description  Highly Sensitive Ambient Light Sensor with Selective Flicker Detection and Fast Sampling for Brightness Control or Auxiliary to Camera
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2521 Datasheet(HTML) 28 Page - OSRAM GmbH

Back Button TSL2521 Datasheet HTML 24Page - OSRAM GmbH TSL2521 Datasheet HTML 25Page - OSRAM GmbH TSL2521 Datasheet HTML 26Page - OSRAM GmbH TSL2521 Datasheet HTML 27Page - OSRAM GmbH TSL2521 Datasheet HTML 28Page - OSRAM GmbH TSL2521 Datasheet HTML 29Page - OSRAM GmbH TSL2521 Datasheet HTML 30Page - OSRAM GmbH TSL2521 Datasheet HTML 31Page - OSRAM GmbH TSL2521 Datasheet HTML 32Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 81 page
background image
Datasheet, Public
Page 27
[v3-00] 2022-Dec-21
Document Feedback
TSL2521 − Register Overview
ALS Interrupt High Threshold Registers
Figure 30:
ALS Interrupt High Threshold
Note(s):
1. Return to the Register Map (0x8D, 0x8E, 0x8F).
Device Identification Registers
Figure 31:
Device Identification
Note(s):
1. Return to the Register Map (0x90, 0x91, 0x92).
Addr
Bit
Field
Reset
Type
Description
0x8D
7:0
AIHT0
0
R/W
ALS Interrupt High Threshold
The ALS interrupt threshold registers are 24-bit wide. ALS
interrupt level detection compares the threshold registers
with the data accumulated by the selected modulator. The
modulator can be selected via ALS_THRESHOLD_
CHANNEL. If AIEN is asserted and the accumulated data is
above AIHT for the number of consecutive samples
specified in APERS, an interrupt is asserted on the
interrupt pin (internally AINT_AIHT and AINT are asserted).
0x8E
7:0
AIHT1
0R/W
0x8F
7:0
AIHT2
0R/W
Addr
Bit
Field
Reset
Type
Description
0x90
3:0
AUX_ID
0010b
R
Device Identification
AUX_ID: Identifies package and wafer factory
REV_ID: Identifies function ID and revision
number of CMOS die
ID: Device identification
0x91
7:0
REV_ID
0x11
00010001b
R
0x92
7:0
ID
0x5C
01011100b
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com