Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2521 Datasheet(PDF) 46 Page - OSRAM GmbH

Part # TSL2521
Description  Highly Sensitive Ambient Light Sensor with Selective Flicker Detection and Fast Sampling for Brightness Control or Auxiliary to Camera
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2521 Datasheet(HTML) 46 Page - OSRAM GmbH

Back Button TSL2521 Datasheet HTML 42Page - OSRAM GmbH TSL2521 Datasheet HTML 43Page - OSRAM GmbH TSL2521 Datasheet HTML 44Page - OSRAM GmbH TSL2521 Datasheet HTML 45Page - OSRAM GmbH TSL2521 Datasheet HTML 46Page - OSRAM GmbH TSL2521 Datasheet HTML 47Page - OSRAM GmbH TSL2521 Datasheet HTML 48Page - OSRAM GmbH TSL2521 Datasheet HTML 49Page - OSRAM GmbH TSL2521 Datasheet HTML 50Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 81 page
background image
Datasheet, Public
Page 45
[v3-00] 2022-Dec-21
Document Feedback
TSL2521 − Register Overview
MEAS_SEQR_FD_0 Register
Figure 56:
MEAS_SEQR_FD_0
Note(s):
1. Return to the Register Map (0xCF).
MEAS_SEQR_ALS_FD_1 Register
Figure 57:
MEAS_SEQR_ALS_FD_1
Note(s):
1. Return to the Register Map (0xD0).
Addr: 0xCF
MEAS_SEQR_FD_0
Bit
Field
Reset
Type
Bit Description
7:4
MEASUREMENT_
SEQUENCER_MOD1_
FD_PATTERN
0R/W
Defines the sequence of a flicker measurement on
modulator 1. The bit pattern does not represent a
value but controls bitwise which sequencer step
shall be used. The leftmost position of “0000” refers
to sequencer step 3, the rightmost refers to
sequencer step 0.
3:0
MEASUREMENT_
SEQUENCER_MOD0_
FD_PATTERN
0x1
R/W
Defines the sequence of a flicker measurement on
modulator 0. The bit pattern does not represent a
value but controls bitwise which sequencer step
shall be used. The leftmost position of “0000” refers
to sequencer step 3, the rightmost refers to
sequencer step 0. By default sequencer step 0 is
used on modulator 0.
Addr: 0xD0
MEAS_SEQR_ALS_FD_1
Bit
Field
Reset
Type
Bit Description
7:4
Reserved
0
R/W
3:0
MEASUREMENT_
SEQUENCER_ALS_
PATTERN
0x1
R/W
Defines the sequence of an ALS measurement on all
modulators. The bit pattern does not represent a
value but controls bitwise which sequencer step
shall be used. The leftmost position of “0000” refers
to sequencer step 3, the rightmost refers to
sequencer step 0. By default sequencer step 0 is
executed on all modulators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com