Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2521 Datasheet(PDF) 41 Page - OSRAM GmbH

Part # TSL2521
Description  Highly Sensitive Ambient Light Sensor with Selective Flicker Detection and Fast Sampling for Brightness Control or Auxiliary to Camera
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2521 Datasheet(HTML) 41 Page - OSRAM GmbH

Back Button TSL2521 Datasheet HTML 37Page - OSRAM GmbH TSL2521 Datasheet HTML 38Page - OSRAM GmbH TSL2521 Datasheet HTML 39Page - OSRAM GmbH TSL2521 Datasheet HTML 40Page - OSRAM GmbH TSL2521 Datasheet HTML 41Page - OSRAM GmbH TSL2521 Datasheet HTML 42Page - OSRAM GmbH TSL2521 Datasheet HTML 43Page - OSRAM GmbH TSL2521 Datasheet HTML 44Page - OSRAM GmbH TSL2521 Datasheet HTML 45Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 81 page
background image
Page 40
Datasheet, Public
Document Feedback
[v3-00] 2022-Dec-21
TSL2521 − Register O ver view
CFG7 Register
Figure 47:
CFG7
Note(s):
1. Return to the Register Map (0xA8).
CFG8 Register
Figure 48:
CFG8
Note(s):
1. Return to the Register Map (0xA9).
CFG9 Register
Figure 49:
CFG9
Note(s):
1. Return to the Register Map (0xAA).
Addr: 0xA8
CFG7
Bit
Field
Reset
Type
Bit Description
7:0
Reserved
0x01
Addr: 0xA9
CFG8
Bit
Field
Reset
Type
Bit Description
7:4
MEASUREMENT_SEQUENCER_
MAX_MOD_GAIN
0xC
R/W
Sets the maximum gain for all channels in all
sequencer steps.
3:0
MEASUREMENT_SEQUENCER_
AGC_PREDICT_MOD_GAIN_
REDUCTION
0x4
R/W
Sets the modulator gain reduction in AGC
predict mode. All channels in the actual
measurement sequence are reduced by the
programmed gain reduction before gain
prediction starts.
Addr: 0xAA
CFG9
Bit
Field
Reset
Type
Bit Description
7:2
Reserved
0
1:0
MOD_RESIDUAL_
BITS_IGNORE
0R/W
Sets the number of residual bits ignored and shifted
in flicker data. Please observe to set MOD_FD_FIFO_
DATAx_WIDTH accordingly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com