Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2521 Datasheet(PDF) 31 Page - OSRAM GmbH

Part # TSL2521
Description  Highly Sensitive Ambient Light Sensor with Selective Flicker Detection and Fast Sampling for Brightness Control or Auxiliary to Camera
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2521 Datasheet(HTML) 31 Page - OSRAM GmbH

Back Button TSL2521 Datasheet HTML 27Page - OSRAM GmbH TSL2521 Datasheet HTML 28Page - OSRAM GmbH TSL2521 Datasheet HTML 29Page - OSRAM GmbH TSL2521 Datasheet HTML 30Page - OSRAM GmbH TSL2521 Datasheet HTML 31Page - OSRAM GmbH TSL2521 Datasheet HTML 32Page - OSRAM GmbH TSL2521 Datasheet HTML 33Page - OSRAM GmbH TSL2521 Datasheet HTML 34Page - OSRAM GmbH TSL2521 Datasheet HTML 35Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 81 page
background image
Page 30
Datasheet, Public
Document Feedback
[v3-00] 2022-Dec-21
TSL2521 − Register O ver view
ALS Data Registers
Figure 34:
ALS Data Registers
Note(s):
1. Return to the Register Map (0x95, 0x96, 0x97, 0x98).
ALS_STATUS2 Register
Figure 35:
ALS_STATUS2
Note(s):
1. Return to the Register Map (0x9B).
Addr
Bit
Field
Reset
Type
Description
0x95
7:0
ALS_DATA0[7:0]
0R
ALS Data Registers
In order to update ALS Data Registers ALS_STATUS
must be read first. The ALS channel data is stored
in two 8-bit registers and shall be interpreted as
16-bit data across 2 registers. All ALS data samples
stored are generated in the same integration cycle.
Reading these bytes consecutively (low byte
before high byte) ensures that the data is
concurrent. The data, stored in the ALS_DATA
registers, is obtained from a 26-bit wide result
buffer depending on settings of ALS_SCALE in
MEAS_MODE0 and ALS_MSB_POSITION in MEAS_
MODE1. The ALS_STATUS register indicates
whether the ALS data is scaled or unscaled. In case
ALS_MSB_POSITION is exceeded, data is 0xFFFE. In
case of analog saturation, data is 0xFFFF.
0x96
7:0
ALS_DATA0[15:8]
0R
0x97
7:0
ALS_DATA1[7:0]
0R
0x98
7:0
ALS_DATA1[15:8]
0R
Addr: 0x9B
ALS_STATUS2
Bit
Field
Reset
Type
Bit Description
7:4
ALS_DATA1_GAIN_STATUS
0
R
Contains gain for data in ALS_DATA1 registers.
3:0
ALS_DATA0_GAIN_STATUS
0
R
Contains gain for data in ALS_DATA0 registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com