Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2521 Datasheet(PDF) 64 Page - OSRAM GmbH

Part # TSL2521
Description  Highly Sensitive Ambient Light Sensor with Selective Flicker Detection and Fast Sampling for Brightness Control or Auxiliary to Camera
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2521 Datasheet(HTML) 64 Page - OSRAM GmbH

Back Button TSL2521 Datasheet HTML 60Page - OSRAM GmbH TSL2521 Datasheet HTML 61Page - OSRAM GmbH TSL2521 Datasheet HTML 62Page - OSRAM GmbH TSL2521 Datasheet HTML 63Page - OSRAM GmbH TSL2521 Datasheet HTML 64Page - OSRAM GmbH TSL2521 Datasheet HTML 65Page - OSRAM GmbH TSL2521 Datasheet HTML 66Page - OSRAM GmbH TSL2521 Datasheet HTML 67Page - OSRAM GmbH TSL2521 Datasheet HTML 68Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 81 page
background image
Datasheet, Public
Page 63
[v3-00] 2022-Dec-21
Document Feedback
TSL2521 − Register Overview
MOD_FIFO_DATA_CFG0 Register
Figure 80:
MOD_FIFO_DATA_CFG0
Note(s):
1. Return to the Register Map (0xF9).
Addr: 0xF9
MOD_FIFO_DATA_CFG0
Bit
Field
Reset
Type
Bit Description
7
MOD_ALS_FIFO_DATA0_
WRITE_ENABLE
1R/W
Enables to write ALS data of modulator 0 into the
FIFO under the following conditions:
• Flicker measurement is disabled in the
sequencer step or flicker measurement has
been finished (ALS_NR_SAMPLES >= FD_NR_
SAMPLES)
• In case (ALS_NR_SAMPLES < FD_NR_SAMPLES)
then DO_ALS_FINAL_PROCESSING_AFTER_
FLICKER must be set to “1”
6Reserved
0
5
MOD_FD_FIFO_DATA0_
COMPRESSION_ENABLE
0R/W
Enables data compression in case of flicker
measurements.
4
MOD_FD_FIFO_DATA0_
DIFFERENCE_ENABLE
0R/W
If set, only the delta value between two
consecutive samples is written into FIFO. The
setting makes only sense in combination with
enabled data compression (MOD_FD_FIFO_
DATA0_COMPRESSION_ENABLE).
3:0
MOD_FD_FIFO_
DATA0_WIDTH
0xF
R/W
Defines absolute number of bits from a sample
written to FIFO E.g. if set to 10, 11 bits (0-10) are
written into the FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com