Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2540 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # TSL2540
Description  ALS, Light-to-Digital Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2540 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button TSL2540 Datasheet HTML 3Page - OSRAM GmbH TSL2540 Datasheet HTML 4Page - OSRAM GmbH TSL2540 Datasheet HTML 5Page - OSRAM GmbH TSL2540 Datasheet HTML 6Page - OSRAM GmbH TSL2540 Datasheet HTML 7Page - OSRAM GmbH TSL2540 Datasheet HTML 8Page - OSRAM GmbH TSL2540 Datasheet HTML 9Page - OSRAM GmbH TSL2540 Datasheet HTML 10Page - OSRAM GmbH TSL2540 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
Page 6
Datasheet, Public
Document Feedback
[v2-00] 2022-Dec-05
TSL2540 − Typical Operating Characteristics
Figure 8:
ALS Operating Characteristics, VDD = 1.8V, TA = 25°C
Parameter
Conditions
Min
Typ
Max
Units
Integration time step size
2.68
2.78
2.90
ms
Number of integration
steps
1256
steps
Dark ADC count value
Ee = 0 μW/cm
2; AGAIN = 64x;
ATIME = 100ms (0x23)
0
1
3
counts
Re
Irradiance responsivity
Settings:
AGAIN = 16x
ATIME = 400ms
Visible Channel
White LED, 2700K
309
363
417
counts/
(μW/cm2)
IR Channel
λD = 950 nm LED
352
counts/
(μW/cm2)
Gain scaling, relative to 1x
gain setting
AGAIN = 4x
4
x
AGAIN = 16x
16
AGAIN = 64x
67
AGAIN = 128x
140
ADC noise
AGAIN = 16x0.005
% full scale
Typical Operating
Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com