Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2540 Datasheet(PDF) 29 Page - OSRAM GmbH

Part # TSL2540
Description  ALS, Light-to-Digital Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2540 Datasheet(HTML) 29 Page - OSRAM GmbH

Back Button TSL2540 Datasheet HTML 25Page - OSRAM GmbH TSL2540 Datasheet HTML 26Page - OSRAM GmbH TSL2540 Datasheet HTML 27Page - OSRAM GmbH TSL2540 Datasheet HTML 28Page - OSRAM GmbH TSL2540 Datasheet HTML 29Page - OSRAM GmbH TSL2540 Datasheet HTML 30Page - OSRAM GmbH TSL2540 Datasheet HTML 31Page - OSRAM GmbH TSL2540 Datasheet HTML 32Page - OSRAM GmbH TSL2540 Datasheet HTML 33Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
Page 28
Datasheet, Public
Document Feedback
[v2-00] 2022-Dec-05
TSL2540 − Tape & Reel Information
Figure 40:
Tape and Reel Information
Note(s):
1. All linear dimensions are in millimeters.
2. For missing tolerances and dimensions, refer to EIA-481.
Tape & Reel Information
±0,1
4
2 ±0,05
A-A (6 : 1)
0,23 ±0,05
(3.5 : 1)
B-B (6 : 1)
MAX
2,2
Ao =
±0,05
10
Page
Date
Name
Drawn:
Check:
67505426
Brian Lim
27/04/09
6:1
1
the registration of a utility model or design.
Under Construction (MAL)
00
ISO 2768-mK
Surface finish:
Tolerance:
Scale:
PS Conductive 12.00x0.23mm
Material:
Partnumber/Revision
Title:
LO-422 Carrier Tape
Responsible:
Similar:
payment of demages. All rights are reserved in the event of the grant of a patent or
Brian Lim
4 ±0,1
+
0
0,1
1,5
0,5 ±0,05
A
A
BB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com