Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2540 Datasheet(PDF) 25 Page - OSRAM GmbH

Part # TSL2540
Description  ALS, Light-to-Digital Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2540 Datasheet(HTML) 25 Page - OSRAM GmbH

Back Button TSL2540 Datasheet HTML 21Page - OSRAM GmbH TSL2540 Datasheet HTML 22Page - OSRAM GmbH TSL2540 Datasheet HTML 23Page - OSRAM GmbH TSL2540 Datasheet HTML 24Page - OSRAM GmbH TSL2540 Datasheet HTML 25Page - OSRAM GmbH TSL2540 Datasheet HTML 26Page - OSRAM GmbH TSL2540 Datasheet HTML 27Page - OSRAM GmbH TSL2540 Datasheet HTML 28Page - OSRAM GmbH TSL2540 Datasheet HTML 29Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
Page 24
Datasheet, Public
Document Feedback
[v2-00] 2022-Dec-05
TSL2540 − Register Description
AZ_CONFIG Register (Address 0xD6)
Figure 35:
AZ_CONFIG Register
INTENAB Register (Address 0xDD)
Figure 36:
INTENAB Register
Addr: 0xD6
AZ_CONFIG
Bit
Bit Name
Default
Access
Bit Description
7
Reserved
0
R/W
Reserved.
6:0
AZ_NTH_
ITERATION
1111111
R/W
Run autozero automatically before every nth ALS
cycle (00h = never, n = every nth ALS cycle, and
7Fh = only before the first ALS cycle).
Addr: 0xDD
INTENAB
Bit
Bit Name
Default
Access
Bit Description
7
ASIEN
0
R/W
ALS Saturation Interrupt Enable.
6:5
Reserved
00
R/W
Reserved.
4
AIEN
0
R/W
ALS Interrupt Enable.
3:0
Reserved
0000
R/W
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com