Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2540 Datasheet(PDF) 13 Page - OSRAM GmbH

Part # TSL2540
Description  ALS, Light-to-Digital Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2540 Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button TSL2540 Datasheet HTML 9Page - OSRAM GmbH TSL2540 Datasheet HTML 10Page - OSRAM GmbH TSL2540 Datasheet HTML 11Page - OSRAM GmbH TSL2540 Datasheet HTML 12Page - OSRAM GmbH TSL2540 Datasheet HTML 13Page - OSRAM GmbH TSL2540 Datasheet HTML 14Page - OSRAM GmbH TSL2540 Datasheet HTML 15Page - OSRAM GmbH TSL2540 Datasheet HTML 16Page - OSRAM GmbH TSL2540 Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
Page 12
Datasheet, Public
Document Feedback
[v2-00] 2022-Dec-05
TSL2540 − Register Description
Detailed Register Description
Enable Register (Address 0x80)
Figure 14:
Enable Register
Before activating AEN, preset each applicable operating mode
registers and bits.
Addr: 0x80
Enable
Bit
Bit Name
Default
Access
Bit Description
7:4
Reserved
0000
R/W
Reserved.
3
WEN
0
R/W
This bit activates the wait feature. Active high.
2
Reserved
0
R/W
Reserved.
1AEN
0
R/W
This bit actives the ALS function. Active high.
*Set AEN=1 and PON=1 in the same command to
ensure auto-zero function is run prior to the first
measurement.
0PON
0
R/W
This field activates the internal oscillator and ADC
channels. Active high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com