Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2540 Datasheet(PDF) 24 Page - OSRAM GmbH

Part # TSL2540
Description  ALS, Light-to-Digital Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2540 Datasheet(HTML) 24 Page - OSRAM GmbH

Back Button TSL2540 Datasheet HTML 20Page - OSRAM GmbH TSL2540 Datasheet HTML 21Page - OSRAM GmbH TSL2540 Datasheet HTML 22Page - OSRAM GmbH TSL2540 Datasheet HTML 23Page - OSRAM GmbH TSL2540 Datasheet HTML 24Page - OSRAM GmbH TSL2540 Datasheet HTML 25Page - OSRAM GmbH TSL2540 Datasheet HTML 26Page - OSRAM GmbH TSL2540 Datasheet HTML 27Page - OSRAM GmbH TSL2540 Datasheet HTML 28Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
Datasheet, Public
Page 23
[v2-00] 2022-Dec-05
Document Feedback
TSL2540 − Register Description
CFG3 Register (Address 0xAB)
Figure 34:
CFG3 Register
The SAI bit sets the device operational mode following the
completion of an ALS cycle. If AINT and AIEN are both set or if
PINT and PIEN are both set, causing an interrupt on the INT pin,
and the SAI bit is set, then the oscillator will deactivate. The
Device will appear as if PON = 0, however, PON will read as 1.
The device can only be reactivated (oscillator enabled) by
clearing the interrupts in the STATUS register.
Addr: 0xAB
CFG3
Bit
Bit Name
Default
Access
Bit Description
7
INT_READ_CLEAR
0
R/W
If the Interrupt-Clear-by-Read bit is set, then all flag
bits in the STATUS register will be reset whenever
the STATUS register is read over I²C.
6:5
Reserved
10
R/W
Reserved.
4SAI
0
R/W
The Sleep After Interrupt bit is used to place the
device into a low power mode upon an interrupt pin
assertion.
PON
SAI
INT
Oscillator
0X
X
OFF
10
X
ON
11
1
ON
11
0
OFF
3:0
Reserved
1100
R/W
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com