Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2540 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # TSL2540
Description  ALS, Light-to-Digital Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2540 Datasheet(HTML) 5 Page - OSRAM GmbH

  TSL2540 Datasheet HTML 1Page - OSRAM GmbH TSL2540 Datasheet HTML 2Page - OSRAM GmbH TSL2540 Datasheet HTML 3Page - OSRAM GmbH TSL2540 Datasheet HTML 4Page - OSRAM GmbH TSL2540 Datasheet HTML 5Page - OSRAM GmbH TSL2540 Datasheet HTML 6Page - OSRAM GmbH TSL2540 Datasheet HTML 7Page - OSRAM GmbH TSL2540 Datasheet HTML 8Page - OSRAM GmbH TSL2540 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
Page 4
Datasheet, Public
Document Feedback
[v2-00] 2022-Dec-05
TSL2540 − Absolute Maximum R atings
Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. These are stress
ratings only. Functional operation of the device at these or any
other conditions beyond those indicated under Electrical
Characteristics is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device
reliability.
Figure 5:
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Units
Comments
VDD
Supply voltage
-0.3
2.2
V
All voltages are with respect
to GND
VIO
Digital I/O terminal voltage
-0.3
3.6
V
INT, SCL and SDA
Iout
Output terminal current
-1
20
mA
INT and SDA
Tstrg
Storage temperature range
-40
85
°C
ISCR
Input current (latch up immunity)
JEDEC JESD78D
± 100
mA
Class II
ESDHBM
Electrostatic discharge HBM
JS-001-2014
± 2000
V
ESDCDM
Electrostatic discharge CDM
JEDEC JESD22-C101F
± 500
V
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com