Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2540 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # TSL2540
Description  ALS, Light-to-Digital Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2540 Datasheet(HTML) 2 Page - OSRAM GmbH

  TSL2540 Datasheet HTML 1Page - OSRAM GmbH TSL2540 Datasheet HTML 2Page - OSRAM GmbH TSL2540 Datasheet HTML 3Page - OSRAM GmbH TSL2540 Datasheet HTML 4Page - OSRAM GmbH TSL2540 Datasheet HTML 5Page - OSRAM GmbH TSL2540 Datasheet HTML 6Page - OSRAM GmbH TSL2540 Datasheet HTML 7Page - OSRAM GmbH TSL2540 Datasheet HTML 8Page - OSRAM GmbH TSL2540 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
Datasheet, Public
Page 1
[v2-00] 2022-Dec-05
Document Feedback
TSL2540
ALS, Light-to-Digital Sensor
The TSL2540 is a very-high sensitivity light-to-digital converter
that transforms light intensity into a digital signal output
capable of direct I²C interface. The ALS sensor features 2 output
channels, a visible channel and an IR channel. The visible
channel has a photodiode with a UV and IR blocking filter
whereas the IR channel has a photodiode with an IR pass filter.
Each channel has a dedicated data converter producing a 16-bit
output. This architecture allows applications to accurately
measure ambient light which enables devices to calculate
illuminance to control a display backlight.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of TSL2540 ALS, Light-to-Digital
Sensor are listed below:
Figure 1:
Added Value of Using TSL2540
Benefits
Features
• Single device integrated optical solution
• 2.0mm x 2.0mm x 0.5mm
• Power management features
• I²C fast mode interface compatible
• Accurate ambient light sensing
• Photopic ambient light sense (ALS)
• UV / IR blocking filter
• Programmable gain and integration time
• Reduced power consumption
• 1.8V power supply with 1.8V I²C bus
General Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com