Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2572 Datasheet(PDF) 19 Page - OSRAM GmbH

Part # TSL2572
Description  Light-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2572 Datasheet(HTML) 19 Page - OSRAM GmbH

Back Button TSL2572 Datasheet HTML 15Page - OSRAM GmbH TSL2572 Datasheet HTML 16Page - OSRAM GmbH TSL2572 Datasheet HTML 17Page - OSRAM GmbH TSL2572 Datasheet HTML 18Page - OSRAM GmbH TSL2572 Datasheet HTML 19Page - OSRAM GmbH TSL2572 Datasheet HTML 20Page - OSRAM GmbH TSL2572 Datasheet HTML 21Page - OSRAM GmbH TSL2572 Datasheet HTML 22Page - OSRAM GmbH TSL2572 Datasheet HTML 23Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
Page 18
Datasheet, Public
Document Feedback
[v2-00] 2022-Nov-30
TSL2572 − Principles O f Operation
I²C Protocol
Interface and control are accomplished through an I²C serial
compatible interface (standard or fast mode) to a set of registers
that provide access to device control functions and output data.
The devices support the 7-bit I²C addressing protocol.
The I²C standard provides for three types of bus transaction:
read, write, and a combined protocol (see Figure 20). During a
write operation, the first byte written is a command byte
followed by data. In a combined protocol, the first byte written
is the command byte followed by reading a series of bytes. If a
read command is issued, the register address from the previous
command will be used for data access. Likewise, if the MSB of
the command is not set, the device will write a series of bytes
at the address stored in the last valid command with a register
address. The command byte contains either control information
or a 5-bit register address. The control commands can also be
used to clear interrupts.
The I²C bus protocol was developed by Philips (now NXP). For
a complete description of the I²C protocol, please review the
NXP I²C design specification at
https://www.i2c-bus.org/references/
Figure 20:
I²C Protocols
A
Acknowledge (0)
N
Not Acknowledged (1)
P
Stop Condition
R
Read (1)
S
Start Condition
Master-to-Slave
Slave-to-Master
Sr
Repeated Start Condition
W
Write (0)
…
Communication of Protocol
I
2C Write Protocol
11
1
1
8
78
A
P
Command Code
Data Byte
Slave Address
AA
8
I
2C Read Protocol
I
2C Read Protocol – Combined Format
11
88
P
Data
A
Data
11
1
1
8
77
A
Command Code
A
A
Slave Address
1
Slave Address
1
111
8
7
A
P
Data
Slave Address
Data
1
R
S
W
Sr
A
R
S
A
A
S
W
1
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com