Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2572 Datasheet(PDF) 25 Page - OSRAM GmbH

Part # TSL2572
Description  Light-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2572 Datasheet(HTML) 25 Page - OSRAM GmbH

Back Button TSL2572 Datasheet HTML 21Page - OSRAM GmbH TSL2572 Datasheet HTML 22Page - OSRAM GmbH TSL2572 Datasheet HTML 23Page - OSRAM GmbH TSL2572 Datasheet HTML 24Page - OSRAM GmbH TSL2572 Datasheet HTML 25Page - OSRAM GmbH TSL2572 Datasheet HTML 26Page - OSRAM GmbH TSL2572 Datasheet HTML 27Page - OSRAM GmbH TSL2572 Datasheet HTML 28Page - OSRAM GmbH TSL2572 Datasheet HTML 29Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
Page 24
Datasheet, Public
Document Feedback
[v2-00] 2022-Nov-30
TSL2572 − Register O ver view
Persistence Register (0x0C)
The persistence register controls the filter interrupt capabilities
of the device. Configurable filtering is provided to allow
interrupts to be generated after every ADC cycle or if the ADC
cycle has produced a result that is outside of the values
specified by threshold register for some specified amount of
time. ALS interrupts are generated using C0DATA.
Figure 27:
Persistence Filter Register
Field
Bits
Description
Reserved
7:4
Reserved. Write as 0.
APERS
3:0
ALS Interrupt persistence filter. Controls rate of ALS interrupt to the host
processor
FIELD VALUE
MEANING
INTERRUPT PERSISTENCE FUNCTION
0000
Every
Every ALS cycle generates an interrupt
0001
1
1 value outside of threshold range
0010
2
2 consecutive values out of range
0011
3
3 consecutive values out of range
0100
5
5 consecutive values out of range
0101
10
10 consecutive values out of range
0110
15
15 consecutive values out of range
0111
20
20 consecutive values out of range
1000
25
25 consecutive values out of range
1001
30
30 consecutive values out of range
1010
35
35 consecutive values out of range
1011
40
40 consecutive values out of range
1100
45
45 consecutive values out of range
1101
50
50 consecutive values out of range
1110
55
55 consecutive values out of range
1111
60
60 consecutive values out of range
6
75
4
APERS
2
31
0
PERS
Reserved
Reset
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com