Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2572 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # TSL2572
Description  Light-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2572 Datasheet(HTML) 3 Page - OSRAM GmbH

  TSL2572 Datasheet HTML 1Page - OSRAM GmbH TSL2572 Datasheet HTML 2Page - OSRAM GmbH TSL2572 Datasheet HTML 3Page - OSRAM GmbH TSL2572 Datasheet HTML 4Page - OSRAM GmbH TSL2572 Datasheet HTML 5Page - OSRAM GmbH TSL2572 Datasheet HTML 6Page - OSRAM GmbH TSL2572 Datasheet HTML 7Page - OSRAM GmbH TSL2572 Datasheet HTML 8Page - OSRAM GmbH TSL2572 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
Page 2
Datasheet, Public
Document Feedback
[v2-00] 2022-Nov-30
TSL2572 − General Description
• Maskable Interrupt
• Programmable Upper and Lower Thresholds with
Persistence Filter
• Wait Timer and Power Management
• Low Power 2.2 μA Sleep State with User- Selectable
Sleep-After-Interrupt Mode
• 90 μA Wait State with Programmable Wait Time from
2.7 ms to > 8 seconds
• I²C Fast Mode Compatible Interface
• Data Rates up to 400 kbit/s
• Input Voltage Levels Compatible with VDD or 1.8-V
Bus
• Register Set- and Pin-Compatible with the TSL2x71 Series
Applications
TSL2572, Light-to-Digital Converter is ideal for:
• Display Backlight Control
• Keyboard Illumination Control
• Solid State Lighting Control for Daylight Harvesting
• Printer Paper Detection
End Products and Market Segments
• Mobile Handsets, Tablets, Laptops, Monitors and TVs,
Portable Media Players
• Medical and Industrial Instrumentation
• White Goods
• Toys
• Industrial/Commercial Lighting
• Digital Signage
• Printers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com