Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2572 Datasheet(PDF) 23 Page - OSRAM GmbH

Part # TSL2572
Description  Light-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2572 Datasheet(HTML) 23 Page - OSRAM GmbH

Back Button TSL2572 Datasheet HTML 19Page - OSRAM GmbH TSL2572 Datasheet HTML 20Page - OSRAM GmbH TSL2572 Datasheet HTML 21Page - OSRAM GmbH TSL2572 Datasheet HTML 22Page - OSRAM GmbH TSL2572 Datasheet HTML 23Page - OSRAM GmbH TSL2572 Datasheet HTML 24Page - OSRAM GmbH TSL2572 Datasheet HTML 25Page - OSRAM GmbH TSL2572 Datasheet HTML 26Page - OSRAM GmbH TSL2572 Datasheet HTML 27Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
Page 22
Datasheet, Public
Document Feedback
[v2-00] 2022-Nov-30
TSL2572 − Register O ver view
ALS Timing Register (0x01)
The ALS timing register controls the internal integration time
of the ALS ADCs in 2.73ms increments. Upon power up, the ALS
time register is set to 0xFF.
Figure 24:
ALS Timing Register
Wait Time Register (0x03)
Wait time is set 2.73 ms increments unless the WLONG bit is
asserted in which case the wait times are 12x longer. WTIME is
programmed as a 2’s complement number. Upon power up, the
wait time register is set to 0xFF.
Figure 25:
Wait Time Register
Note(s):
1. The Wait Time Register should be configured before AEN is asserted.
Field
Bits
Description
ATIME
7:0
Value
INTEG_CYCLES
Time
Max Count
0xFF
1
2.73 ms
1024
0xF6
10
27.3 ms
10240
0xDB
37
101 ms
37888
0xC0
64
175 ms
65535
0x00
256
699 ms
65535
Field
Bits
Description
WTIME
7:0
Register
Value
Wait Time
Time (WLONG = 0)
Time (WLONG = 1)
0xFF
1
2.73 ms
0.033 s
0xB6
74
202 ms
2.4 s
0x00
256
699 ms
8.4 s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com