Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2572 Datasheet(PDF) 29 Page - OSRAM GmbH

Part # TSL2572
Description  Light-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2572 Datasheet(HTML) 29 Page - OSRAM GmbH

Back Button TSL2572 Datasheet HTML 25Page - OSRAM GmbH TSL2572 Datasheet HTML 26Page - OSRAM GmbH TSL2572 Datasheet HTML 27Page - OSRAM GmbH TSL2572 Datasheet HTML 28Page - OSRAM GmbH TSL2572 Datasheet HTML 29Page - OSRAM GmbH TSL2572 Datasheet HTML 30Page - OSRAM GmbH TSL2572 Datasheet HTML 31Page - OSRAM GmbH TSL2572 Datasheet HTML 32Page - OSRAM GmbH TSL2572 Datasheet HTML 33Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
Page 28
Datasheet, Public
Document Feedback
[v2-00] 2022-Nov-30
TSL2572 − Application Information: Hardware
Typical Hardware Application
A typical hardware application circuit is shown in Figure 33.
A 1
μF low-ESR decoupling capacitor should be placed as close
as possible to the VDD pin.
Figure 33:
Typical Application Hardware Circuit
VBUS in Figure 33 refers to the I²C bus voltage, which is either
VDD or 1.8 V. Be sure to apply the specified I²C bus voltage shown
in the Available Options table for the specific device being used.
The I²C signals and the Interrupt are open-drain outputs and
require pull-up resistors. The pull-up resistor (RP) value is a
function of the I²C bus speed, the I²C bus voltage, and the
capacitive load. The ams OSRAM EVM running at 400 kbit/s, uses
1.5k
Ω resistors. A 10kΩ pull-up resistor (RPI) can be used for the
interrupt line.
Application Information:
Hardware
TSL2572
INT
SDA
SCL
VDD
1
mF
GND
VBUS
RP
RP
RPI
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com