Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2572 Datasheet(PDF) 31 Page - OSRAM GmbH

Part # TSL2572
Description  Light-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2572 Datasheet(HTML) 31 Page - OSRAM GmbH

Back Button TSL2572 Datasheet HTML 27Page - OSRAM GmbH TSL2572 Datasheet HTML 28Page - OSRAM GmbH TSL2572 Datasheet HTML 29Page - OSRAM GmbH TSL2572 Datasheet HTML 30Page - OSRAM GmbH TSL2572 Datasheet HTML 31Page - OSRAM GmbH TSL2572 Datasheet HTML 32Page - OSRAM GmbH TSL2572 Datasheet HTML 33Page - OSRAM GmbH TSL2572 Datasheet HTML 34Page - OSRAM GmbH TSL2572 Datasheet HTML 35Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
Page 30
Datasheet, Public
Document Feedback
[v2-00] 2022-Nov-30
TSL2572 − Package Information
Figure 35:
Package FN — Dual Flat No-Lead Packaging Configuration
Note(s):
1. All linear dimensions are in micrometers.
2. The die is centered within the package within a tolerance of
± 75 μm.
3. Package top surface is molded with an electrically nonconductive clear plastic compound having an index of refraction of 1.55.
4. Contact finish is copper alloy A194 with pre-plated NiPdAu lead finish.
5. This package contains no lead (Pb).
6. This drawing is subject to change without notice.
Package Information
PACKAGE FN
Dual Flat No-Lead
203
+ 8
6 SDA
5 INT
4 NC
VDD 1
SCL 2
GND 3
TOP VIEW
SIDE VIEW
BOTTOM VIEW
Lead Free
Pb
300
+ 50
650
BSC
2000
+ 100
2000
+ 100
PIN 1
PIN 1
END VIEW
650
+ 50
PIN OUT
TOP VIEW
750
+ 150
Photodiode Array Area
295
Nominal
355
+ 10
398
+ 10
CL of Solder Contacts
CL of Photodiode Array Area
(Note
2)
1 Nominal
CL of Solder Contacts
of Photodiode Array Area (Note
2)
CL
144 Nominal
Green
RoHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com