Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2572 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # TSL2572
Description  Light-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2572 Datasheet(HTML) 2 Page - OSRAM GmbH

  TSL2572 Datasheet HTML 1Page - OSRAM GmbH TSL2572 Datasheet HTML 2Page - OSRAM GmbH TSL2572 Datasheet HTML 3Page - OSRAM GmbH TSL2572 Datasheet HTML 4Page - OSRAM GmbH TSL2572 Datasheet HTML 5Page - OSRAM GmbH TSL2572 Datasheet HTML 6Page - OSRAM GmbH TSL2572 Datasheet HTML 7Page - OSRAM GmbH TSL2572 Datasheet HTML 8Page - OSRAM GmbH TSL2572 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
Datasheet, Public
Page 1
[v2-00] 2022-Nov-30
Document Feedback
TSL2572
Light-to-Digital Converter
The TSL2572 device family provides ambient light sensing (ALS)
that approximates human eye response to light intensity under
a variety of lighting conditions and through a variety of
attenuation materials. Accurate ALS measurements are the
result of ams OSRAM patented dual-diode technology and the
UV rejection filter incorporated in the package. In addition, the
operating range is extended to 60,000 lux in sunlight when the
low-gain mode is used.
While useful for general purpose light sensing, the TSL2572
device is particularly useful for display management to provide
optimum viewing in diverse lighting conditions while
extending battery life. The TSL2572 device family is ideally
suited for use in mobile handsets, TVs, tablets, monitors, and
portable media players where the display backlight may
account for 50% to 70% of the system power consumption.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of TSL2572, Light-to-Digital
Converter are listed below:
Figure 1:
Added Value Of Using TSL2572
• Ambient Light Sensing (ALS)
• Approximates Human Eye Response
• Programmable Analog Gain and Integration Time
• 45,000,000:1 Dynamic Range
• Operation to 60,000 lux in Sunlight
• Very High Sensitivity — Ideally Suited for Operation
Behind Dark Glass
•Package UV Rejection Filter
Benefits
Features
• Enables Operation in IR Light Environments
• Patented Dual-Diode Architecture
• Enables Dark Room to 60k Lux Sunlight Operation
• 8M:1 Dynamic Range
• Reduces Micro-Processor Interrupt Overhead
• Programmable Interrupt Function
• Improves Lux Accuracy Across Various Light Sources
• UV-Rejection Package
• Reduces Board Space Requirements While
Simplifying Designs
• Area Efficient 2mm x 2mm Dual Flat No-Lead
(FN) Package
General Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com