Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33993 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 33993
Description  Multiple Switch Detection Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33993 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  33993 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33993
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
VDD Supply Voltage
–
-0.3 to 7.0
VDC
CS,
SI, SO, SCLK, INT, AMUX (1)
–
-0.3 to 7.0
VDC
WAKE (1)
–
-0.3 to 40
VDC
VPWR Supply Voltage
(1)
–
-0.3 to 50
VDC
Switch Input Voltage Range
–
-14 to 40
VDC
Frequency of SPI Operation (VDD = 5.0 V)
–
6.0
MHz
ESD Voltage (2)
Human Body Model
Machine Model
VESD1
VESD2
±4000
±200
V
THERMAL RATINGS
Storage Temperature
TSTG
-55 to 150
°C
Operating Case Temperature
TC
-40 to 125
°C
Operating Junction Temperature
TJ
-40 to 150
°C
THERMAL RESISTANCE
Power Dissipation (TA = 25°C)
(3)
PD
1.7
W
Thermal Resistance
Junction to Ambient
Junction to Lead
RθJA
RθJL
74
25
°C/W
Peak Package Reflow Temperature During Reflow (4), (5)
TPPRT
Note 5
°C
Notes
1.
Exceeding these limits may cause malfunction or permanent damage to the device.
2.
ESD testing is performed in accordance with the Human Body Model (HBM) (CZAP = 100 pF, RZAP = 1500 Ω), the Machine Model (MM)
(CZAP = 200 pF, RZAP = 0 Ω), and the Charge Device Model (CDM), Robotic (CZAP = 4.0pF).
3.
Maximum power dissipation at TJ =150°C junction temperature with no heat sink used.
4.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
5.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL),
Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes and enter the core ID to view all orderable parts. (i.e.
MC33xxxD enter 33xxx), and review parametrics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com