Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33993 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 33993
Description  Multiple Switch Detection Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33993 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 33993 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
33993
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
LOGIC COMMANDS AND REGISTERS
PROGRAMMABLE SWITCH REGISTER
Inputs SP0 to SP7 may be programmable for switch-to-
battery or switch-to-ground. These inputs types are defined
using the settings command (refer to Table 5). To set an SPn
input for switch-to-battery, a logic [1] for the appropriate bit
must be set. To set an SPn input for switch-to-ground, a logic
[0] for the appropriate bit must be set. The MCU may change
or update the Programmable Switch Register via software at
any time in Normal mode. Regardless of the setting, when the
SPn input switch is closed a logic [1] will be placed in the
Serial Output Response Register (refer to Table 16,
page 17).
WAKE-UP/INTERRUPT REGISTER
The Wake-Up/Interrupt Register defines the inputs that
are allowed to wake the 33993 from Sleep mode or set the
INT pin low in Normal mode. Programming the wake-up/
interrupt bit to logic [0] will disable the specific input from
generating an interrupt and will disable the specific input from
waking the IC in Sleep mode (refer to Table 6). Programming
the wake-up/interrupt bit to logic [1] will enable the specific
input to generate an interrupt with switch change of state and
will enable the specific input as wake-up. The MCU may
change or update the Wake-Up/Interrupt Register via
software at any time in Normal mode.
WETTING CURRENT REGISTER
The 33993 has two levels of switch contact current, 16 mA
and 2.0 mA (see Figure 10). The metallic command is used
to set the switch contact current level (refer to Table 7).
Programming the metallic bit to logic [0] will set the switch
wetting current to 2.0 mA. Programming the metallic bit to
logic [1] will set the switch contact wetting current to 16 mA.
The MCU may change or update the Wetting Current
Register via software at any time in Normal mode.
Wetting current is designed to provide higher levels of
current during switch closure. The higher level of current is
designed to keep switch contacts from building up oxides that
form on the switch contact surface.
Figure 10. Contact Wetting and Sustain Current
Table 5. Settings Command
Settings Command
Not used
Battery/Ground Select
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
1
X
X
X
X
X
X
X
X
sp7
sp6
sp5
sp4
sp3
sp2
sp1
sp0
Table 6. Wake-Up /Interrupt Command
Wake-Up/Interrupt Command
Command Bits
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
1
0
X
X
X
X
X
X
X
X
sp7
sp6
sp5
sp4
sp3
sp2
sp1
sp0
0
0
0
0
0
0
1
1
X
X
sg1
3
sg1
2
sg1
1
sg1
0
sg9
sg8
sg7
sg6
sg5
sg4
sg3
sg2
sg1
sg0
Switch Contact Voltage
16 mA Switch Wetting Current
2.0 mA Switch Sustain Current
20 ms Wetting Current Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com