Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33993 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 33993
Description  Multiple Switch Detection Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33993 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  33993 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33993
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 3.1 V
≤ V
DD ≤ 5.25 V, 8.0 V ≤ V
PWR ≤ 16 V, -40°C ≤ TC ≤ 125°C, unless otherwise
noted. Typical values noted reflect the approximate parameter means VPWR = 13 V, TA = 25°C under nominal conditions unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT
Supply Voltage
Supply Voltage Range Quasi-Functional (6)
Fully Operational
Supply Voltage Range Quasi-Functional (6)
VPWR(QF)
VPWR(FO)
VPWR(QF)
5.5
8.0
26
–
–
–
8.0
26
40
V
Supply Current
All Switches Open, Normal Mode, Tri-State Disabled
IPWR(ON)
–
2.0
4.0
mA
Sleep State Supply Current
Scan Timer = 64 ms, Switches Open
IPWR(SS)
40
70
100
µA
Logic Supply Voltage
VDD
3.1
–
5.25
V
Logic Supply Current
All Switches Open, Normal Mode
IDD
–
0.25
0.5
mA
Sleep State Logic Supply Current
Scan Timer = 64 ms, Switches Open
IDD(SS)
–
10
20
µA
SWITCH INPUT
Pulse Wetting Current Switch-to-Battery (Current Sink)
IPULSE
12
15
18
mA
Pulse Wetting Current Switch-to-Ground (Current Source)
IPULSE
12
16
18
mA
Sustain Current Switch-to-Battery Input (Current Sink)
ISUSTAIN
1.8
2.0
2.2
mA
Sustain Current Switch-to-Ground Input (Current Source)
ISUSTAIN
1.8
2.0
2.2
mA
Sustain Current Matching Between Channels on Switch-to-Ground
Inputs
IMATCH
–
2.0
4.0
%
Input Offset Current when Selected as Analog
IOFFSET
-2.0
1.4
2.0
µA
Input Offset Voltage when Selected as Analog
V(SP&SGINPUTS) to AMUX Output
VOFFSET
-10
2.5
10
mV
Analog Operational Amplifier Output Voltage
Sink 250
µA
VOL
–
10
30
mV
Analog Operational Amplifier Output Voltage
Source 250
µA
VOH
VDD - 0.1
–
–
V
Switch Detection Threshold
VTH
3.70
4.0
4.3
V
Switch Input Voltage Range
VIN
-14
–
40
V
Temperature Monitor (7), (8)
TLIM
155
–
185
°C
Temperature Monitor Hysteresis (8)
TLIM(HYS)
5.0
10
15
°C
Notes
6.
Device operational. Table parameters may be out of specification.
7.
Thermal shutdown of 16 mA pull-up and pull-down current sources only. 2.0 mA current source/sink and all other functions remain
active.
8.
This parameter is guaranteed by design but is not production tested.
ISUS(MAX) - ISUS(MIN)
ISUS(MIN)
X 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com