Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33993 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # 33993
Description  Multiple Switch Detection Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33993 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button 33993 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
15
33993
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
Analog Select Register via software at any time in Normal
mode.
CALIBRATION OF TIMERS
In cases where an accurate time base is required, the user
may calibrate the internal timers using the calibration
command (refer to Table 12). After the 33993 device
receives the calibration command, the device expects 512
µs
logic [0] calibration pulse on the CS pin. The pulse is used to
calibrate the internal clock. No other SPI pins should
transition during this 512
µs calibration pulse. Because the
oscillator frequency changes with temperature, calibration is
required for an accurate time base. Calibrating the timers has
no affect on the quiescent current measurement. The
calibration command simply makes the time base more
accurate. The calibration command may be used to update
the device on a periodic basis.
RESET
The reset command resets all registers to Power-ON
Reset (POR) state. Refer to Table 14, page 16, for POR
states or the paragraph entitled Power-ON Reset (POR) on
page 12 of this datasheet.
Table 10. Analog Command
Analog Command
Not used
Current
Select
Analog Channel Select
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
1
1
0
X
X
X
X
X
X
X
X
X
16 mA
2.0 m
A
0
0
0
0
0
Table 11. Analog Channel
Bits 43210
Analog Channel
Select
Bits 43210
Analog Channel
Select
00000
No Input Selected
01100
SG11
00001
SG0
01101
SG12
00010
SG1
01110
SG13
00011
SG2
01111
SP0
00100
SG3
10000
SP1
00101
SG4
10001
SP2
00110
SG5
10010
SP3
00111
SG6
10011
SP4
01000
SG7
10100
SP5
01001
SG8
10101
SP6
01010
SG9
10110
SP7
01011
SG10
Table 12. Calibration Command
Calibration Command
Command Bits
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
1
0
1
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Table 13. Reset Command
Reset Command
Command Bits
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
1
1
1
1
1
1
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com