Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33993 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 33993
Description  Multiple Switch Detection Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33993 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 33993 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
33993
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
OPERATIONAL MODES
POWER SUPPLY
The 33993 is designed to operate from 5.5 V to 40 V on
the VPWR pin. Characteristics are provided from 8.0 V to
16 V for the device. Switch contact currents and the internal
logic supply are generated from the VPWR pin. The VDD
supply pin is used to set the SPI communication voltage
levels, current source for the SO driver, and pull-up current
on INT and CS.
The VDD supply may be removed from the device to
reduce quiescent current. If VDD is removed while the device
is in Normal mode, the device will remain in Normal mode. If
VDD is removed in Sleep mode, the device will remain in
Sleep mode until wake-up input is received (WAKE high to
low, switch input or interrupt timer expires).
Removing VDD from the device disables SPI
communication and will not allow the device to wake up from
INT and CS pins.
POWER-ON RESET (POR)
Applying VPWR to the device will cause a Power-ON Reset
and place the device in Normal mode.
Default settings from Power-ON Reset via VPWR or Reset
Command are as follows:
• Programmable Switch – Set to Switch to Battery
• All Inputs Set as Wake-Up
• Wetting Current On (16 mA)
• Wetting Current Timer On (20 ms)
• All Inputs Tri-State
• Analog Select 00000 (No Input Channel Selected)
MODES OF OPERATION
The 33993 has two operating modes, Normal mode and
Sleep mode. A discussion on Normal mode begins below.
A discussion on Sleep mode begins on page 17.
NORMAL MODE
Normal mode may be entered by the following events:
• Application of VPWR to the IC
• Change-of-Switch State (when enabled)
• Falling Edge of WAKE
• Falling Edge of INT (with VDD = 5.0 V and WAKE at
Logic [1])
• Falling Edge of CS (with VDD = 5.0 V)
• Interrupt Timer Expires
Only in Normal mode with VDD applied can the registers of
the 33993 be programmed through the SPI.
The registers that may be programmed in Normal mode
are listed below. Further explanation of each register is
provided in subsequent paragraphs.
• Programmable Switch Register (Settings Command)
• Wake-Up/Interrupt Register (Wake-Up/Interrupt
Command)
• Wetting Current Register (Metallic Command)
• Wetting Current Timer Register (Wetting Current Timer
Enable Command)
• Tri-State Register (Tri-State Command)
• Analog Select Register (Analog Command)
• Calibration of Timers (Calibration Command)
• Reset (Reset Command)
Figure 6 is a graphical description of the device operation
in Normal mode. Switch states are latched into the input
register on the falling edge of CS. The INT to the MCU is
cleared on the rising edge of CS. However, INT will not clear
on rising edge of CS if a switch has closed during SPI
communication (CS low). This prevents switch states from
being missed by the MCU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com