Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33993 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 33993
Description  Multiple Switch Detection Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33993 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 33993 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33993
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions 3.1 V
≤ V
DD ≤ 5.25 V, 8.0 V ≤ V
PWR ≤ 16 V, -40°C ≤ TC ≤ 125°C, unless otherwise
noted. Typical values noted reflect the approximate parameter means VPWR = 13 V, TA = 25°C under nominal conditions unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
SWITCH INPUT
Pulse Wetting Current Time
tPULSE(ON)
15
16
20
ms
Interrupt Delay Time
Normal Mode
tINT-DLY
–
5.0
16
µs
Sleep Mode Switch Scan Time
tSCAN
100
200
300
µs
Calibrated Scan Timer Accuracy
Sleep Mode
tSCAN TIMER
–
–
10
%
Calibrated Interrupt Timer Accuracy
Sleep Mode
tINT TIMER
–
–
10
%
DIGITAL INTERFACE TIMING (11)
Required Low State Duration on VPWR for Reset
(12)
VPWR ≤ 0.2 V
tRESET
–
–
10
µs
Falling Edge of CS to Rising Edge of SCLK
Required Setup Time
tLEAD
100
–
–
ns
Falling Edge of SCLK to Rising Edge of CS
Required Setup Time
tLAG
50
–
–
ns
SI to Falling Edge of SCLK
Required Setup Time
tSI(SU)
16
–
–
ns
Falling Edge of SCLK to SI
Required Hold Time
tSI(HOLD)
20
–
–
ns
SI, CS, SCLK Signal Rise Time (13)
tR(SI)
–
5.0
–
ns
SI, CS, SCLK Signal Fall Time (13)
tF(SI)
–
5.0
–
ns
Time from Falling Edge of CS to SO Low Impedance (14)
tSO(EN)
–
–
55
ns
Time from Rising Edge of CS to SO High Impedance (15)
tSO(DIS)
–
–
55
ns
Time from Rising Edge of SCLK to SO Data Valid (16)
t VALID
–
25
55
ns
Notes
11.
These parameters are guaranteed by design. Production test equipment uses a 4.16 MHz, 5.0 V SPI interface.
12.
This parameter is guaranteed by design but not production tested.
13.
Rise and Fall time of the incoming SI, CS, and SCLK signals are suggested for design considerations to prevent the occurrence of double
pulsing.
14.
Time required for valid output status data to be available on SO pin.
15.
Time required for output states data to be terminated at SO pin.
16.
Time required to obtain valid data out from SO following the rise of SCLK with 200 pF load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com