Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33993 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # 33993
Description  Multiple Switch Detection Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33993 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button 33993 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Analog Integrated Circuit Device Data
18
Freescale Semiconductor
33993
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
The scan timer sets the polling period between input
switch reads in Sleep mode. The period is set in the sleep
command and may be set to 000 (no period) to 111 (64 ms).
In Sleep mode when the scan timer expires, inputs will
behave as programmed prior to sleep command. The 33993
will wake up for approximately 125
µs and read the switch
inputs. At the end of the 125
µs, the input switch states are
compared with the switch state prior to sleep command.
When switch state changes are detected, an interrupt (when
enabled; refer to wake-up/interrupt command description on
page 13) is generated and the device enters Normal mode.
Without switch state changes, the 33993 will reset the scan
timer, inputs become tri-state, and the Sleep mode continues
until the scan timer expires again.
Table 19 shows the programmable settings of the Scan
timer.
Note The interrupt and scan timers are disabled in the
Normal mode.
Figure 5, page 8, is a graphical description of how the
33993 device exits Sleep mode and enters Normal mode.
Notice that the device will exit Sleep mode when the interrupt
timer expires or when a switch change of state occurs. The
falling edge of INT triggers the MCU to wake from Sleep
state. Figure 11 illustrates the current consumed during
Sleep mode. During the 125
µs, the device is fully active and
switch states are read. The quiescent current is calculated by
integrating the normal running current over scan period plus
approximately 60
µA.
Figure 11. Sleep Current Waveform
TEMPERATURE MONITOR
With multiple switch inputs closed and the device
programmed with the wetting current timers disabled,
considerable power will be dissipated by the IC. For this
reason temperature monitoring has been implemented. The
temperature monitor is active in the Normal mode only. When
the IC temperature is above the thermal limit, the temperature
monitor will do all of the following:
Table 17. Sleep Command
Sleep Command
Command Bits
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
1
1
0
0
X
X
X
X
X
X
X
X
X
X
Table 18. Interrupt Timer
Bits 543
Interrupt Period
000
32 ms
001
64 ms
010
128 ms
011
256 ms
100
512 ms
101
1.024 s
110
2.048 s
111
4.096 s
Table 19. Scan Timer
Bits 210
Scan Period
000
No Scan
001
1.0 ms
010
2.0 ms
011
4.0 ms
100
8.0 ms
101
16 ms
110
32 ms
111
64 ms
Table 19. Scan Timer
Bits 210
Scan Period
Inputs active for 125 us
out of 32 ms
I=V/R or 0.270V/100ohm = 2.7mA
I=V/R or 6mV/100ohm = 60 uA
Inputs active for 125 us
out of 32 ms
I=V/R or 0.270V/100ohm = 2.7mA
I=V/R or 6mV/100ohm = 60 uA
Inputs active for 125 us
out of 32 ms
I=V/R or 0.270V/100ohm = 2.7mA
I=V/R or 6mV/100ohm = 60 uA
I=V/R or 0.270 V/100
Ω=2.7 mA
Inputs active for
125
µs out of 32 ms
I=V/R or
6.0 mV/100
Ω=60 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com