Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC00ADE4 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC00ADE4
Description  SNx4LVC00A Quadruple 2-Input Positive-NAND Gates
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC00ADE4 Datasheet(HTML) 16 Page - Texas Instruments

Back Button SN74LVC00ADE4 Datasheet HTML 12Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 13Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 14Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 15Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 16Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 17Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 18Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 19Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
19-Mar-2024
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead finish/
Ball material
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
SN74LVC00APWR
ACTIVE
TSSOP
PW
14
2000
RoHS & Green
NIPDAU | SN
Level-1-260C-UNLIM
-40 to 125
LC00A
Samples
SN74LVC00APWRE4
ACTIVE
TSSOP
PW
14
2000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
LC00A
Samples
SN74LVC00APWRG4
ACTIVE
TSSOP
PW
14
2000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
LC00A
Samples
SN74LVC00APWT
ACTIVE
TSSOP
PW
14
250
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
LC00A
Samples
SN74LVC00ARGYR
ACTIVE
VQFN
RGY
14
3000
RoHS & Green
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
LC00A
Samples
SNJ54LVC00AFK
ACTIVE
LCCC
FK
20
55
Non-RoHS
& Green
SNPB
N / A for Pkg Type
-55 to 125
5962-
9753301Q2A
SNJ54LVC
00AFK
Samples
SNJ54LVC00AJ
ACTIVE
CDIP
J
14
25
Non-RoHS
& Green
SNPB
N / A for Pkg Type
-55 to 125
5962-9753301QC
A
SNJ54LVC00AJ
Samples
SNJ54LVC00AW
ACTIVE
CFP
W
14
25
Non-RoHS
& Green
SNPB
N / A for Pkg Type
-55 to 125
5962-9753301QD
A
SNJ54LVC00AW
Samples
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) RoHS: TI defines "RoHS" to mean semiconductor products that are compliant with the current EU RoHS requirements for all 10 RoHS substances, including the requirement that RoHS substance
do not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, "RoHS" products are suitable for use in specified lead-free processes. TI may
reference these types of products as "Pb-Free".
RoHS Exempt: TI defines "RoHS Exempt" to mean products that contain lead but are compliant with EU RoHS pursuant to a specific EU RoHS exemption.
Green: TI defines "Green" to mean the content of Chlorine (Cl) and Bromine (Br) based flame retardants meet JS709B low halogen requirements of <=1000ppm threshold. Antimony trioxide based
flame retardants must also meet the <=1000ppm threshold requirement.
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
Addendum-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com