Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC00ADE4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC00ADE4
Description  SNx4LVC00A Quadruple 2-Input Positive-NAND Gates
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC00ADE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC00ADE4 Datasheet HTML 1Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 2Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 3Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 4Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 5Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 6Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 7Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 8Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
SNx4LVC00A Quadruple 2-Input Positive-NAND Gates
1 Features
• ESD protection exceeds JESD 22
– 2000V Human-Body Model
– 1000V Charged-Device Model
• SN74LVC00A operates from 1.65V to 3.6V
• SN54LVC00A operates from 2V to 3.6V
• SNx4LVC00A specified from –40°C to +85°C and
–40°C to +125°C
• SN54LVC00A specified from –55°C to +125°C
• Inputs accept voltages to 5.5V
• Max tpd of 4.3ns at 3.3V
• Typical VOLP (output ground bounce)
< 0.8V at VCC = 3.3V, TA = 25°C
• Typical VOHV (output VOH undershoot)
> 2V at VCC = 3.3V, TA = 25°C
• Latch-up performance exceeds 250 mA
per JESD 17
• On products compliant to MIL-PRF-38535,
all parameters are tested unless otherwise noted.
On all other products, production processing does
not necessarily include testing of all parameters.
2 Applications
• AV Receivers
• Audio Docks: Portable
• Blu-Ray Players and Home Theater
• MP3 Players or Recorders
• Personal Digital Assistants (PDAs)
• Power: Telecom/Server AC/DC Supply: Single
Controller: Analog and Digital
• Solid State Drives (SSDs): Client and Enterprise
• TVs: LCD, Digital, and High-Definition (HDTV)
• Tablets: Enterprise
• Video Analytics: Server
• Wireless Headsets, Keyboards, and Mice
3 Description
The SN54LVC00A quadruple 2-input positive-NAND
gate is designed for 2.7V to 3.6V VCC operation, and
the SN74LVC00A quadruple 2-input positive-NAND
gate is designed for 1.65V to 3.6V VCC operation.
The SNx4LVC00A devices perform the Boolean
function Y = A • B or Y = A + B in positive logic.
Inputs can be driven from either 3.3V or 5V devices.
This feature allows the use of these devices as
translators in a mixed 3.3V/5V system environment.
Device Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
BODY SIZE(3)
SNx4LVC00A
BQA (WQFN, 14)
3mm × 2.5mm
3mm × 2.5mm
D (SOIC, 14)
8.65mm × 6mm
8.65 mm × 3.91 mm
DB (SSOP, 14)
6.2mm × 7.8mm
6.20 mm × 5.30 mm
NS (SOP, 14)
10.2mm × 7.8mm
10.30 mm × 5.30 mm
PW (TSSOP, 14)
5mm × 4.4mm
5.00 mm × 4.40 mm
RGY (VQFN, 14)
3.5mm × 3.5mm
3.50 mm × 3.50 mm
FK (LCCC, 20)
8.9mm x 8.9mm
8.89 mm × 8.89 mm
J (CDIP, 14)
19.55mm x 7.9mm
19.55 mm x 6.7mm
W (CFP, 14)
9.21mm x 9mm
9.21mm x 6.28mm
(1)
For more information, see Section 11.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
(3)
The body size (length × width) is a nominal value and does
not include pins.
A
B
Y
A
B
Y
A
B
Y
A
B
Y
Simplified Schematic
SN54LVC00A, SN74LVC00A
SCAS279S – JANUARY 1993 – REVISED MARCH 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74LVC00ADE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC00ADE4 TI-SN74LVC00ADE4 Datasheet
908Kb / 22P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74LVC00ADE4 TI-SN74LVC00ADE4 Datasheet
788Kb / 22P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74LVC00ADE4 TI1-SN74LVC00ADE4 Datasheet
1Mb / 31P
Quadruple 2-Input Positive-NAND Gates
More results

Similar Description - SN74LVC00ADE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HCT00 TI-SN54HCT00 Datasheet
404Kb / 12P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
CD54ACT00 TI-CD54ACT00 Datasheet
73Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00 TI-SN54LV00 Datasheet
131Kb / 7P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_07 Datasheet
908Kb / 22P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN5400 TI-SN5400_07 Datasheet
737Kb / 21P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_08 Datasheet
937Kb / 22P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00A TI-SN54LV00A_10 Datasheet
673Kb / 18P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74AHCT00-EP TI1-SN74AHCT00-EP Datasheet
421Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN7400J TI1-SN7400J Datasheet
1Mb / 25P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Unisonic Technologies
U74AHCT00 UTC-U74AHCT00_15 Datasheet
201Kb / 4P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com