Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC00ADE4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC00ADE4
Description  SNx4LVC00A Quadruple 2-Input Positive-NAND Gates
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC00ADE4 Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVC00ADE4 Datasheet HTML 1Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 2Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 3Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 4Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 5Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 6Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 7Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 8Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VCC
Supply voltage
–0.5
6.5
V
VI
Input voltage(2)
–0.5
6.5
V
VO
Output voltage (2) (3)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±50
mA
VCC
Continuous current through GND
±100
mA
Ptot
Power dissipation(4) (5)
TA = –40°C to +125°C
500
mW
TJ
Junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The value of VCC is provided in the Recommended Operating Conditions table.
(4)
For the D package: above 70°C, the value of Ptot derates linearly with 8 mW/K.
(5)
For the DB, NS, and PW packages: above 60°C, the value of Ptot derates linearly with 5.5 mW/K.
5.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged device model (CDM), per JEDEC specification JESD22-
C101(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
5.3 Recommended Operating Conditions, SN54LVC00A
over operating free-air temperature range (unless otherwise noted)(1)
SN54LVC00A
UNIT
–55°C to +125°C
MIN
MAX
VCC
Supply voltage
Operating
2
3.6
V
Data retention only
1.5
VIH
High-level input voltage
VCC = 2.7 V to 3.6 V
2
V
VIL
Low-level input voltage
VCC = 2.7 V to 3.6 V
0.8
V
VI
Input voltage
0
5.5
V
VO
Output voltage
0
VCC
V
IOH
High-level output current
VCC = 2.7 V
–12
mA
VCC = 3 V
–24
IOL
Low-level output current
VCC = 2.7 V
12
mA
VCC = 3 V
24
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. See Implications of Slow or Floating
CMOS Inputs, SCBA004.
SN54LVC00A, SN74LVC00A
SCAS279S – JANUARY 1993 – REVISED MARCH 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN54LVC00A SN74LVC00A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com