Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC00ADE4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC00ADE4
Description  SNx4LVC00A Quadruple 2-Input Positive-NAND Gates
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC00ADE4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74LVC00ADE4 Datasheet HTML 7Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 8Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 9Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 10Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 11Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 12Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 13Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 14Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
SN74LVC00A is a high-drive CMOS device that can be used for a multitude of buffer-type functions. It can
produce 24 mA of drive current at 3.3 V. Therefore, this device is ideal for driving multiple inputs and for
high-speed applications up to 100 MHz. The inputs and outputs are 5.5-V tolerant allowing the device to allowing
the device to perform mixed-voltage input down translation. For example the A input can be 3.3 V and the B
input can be 5 V, while VCC = 2.5 V and the device will operate properly to output a 2.5 V signal.
8.2 Typical Application
1.65-V to 3.6-V V
CC
1A
1B
4A
4B
1Y
4Y
Figure 8-1. Typical NAND Gate Application and Supply Voltage
8.2.1 Design Requirements
This device uses CMOS technology and has balanced output drive. Take care to avoid bus contention because it
can drive currents that would exceed maximum limits. The high drive will also create fast edges into light loads;
therefore, routing and load conditions should be considered to prevent ringing.
8.2.2 Detailed Design Procedure
1. Recommended Input Conditions
• Rise time and fall time specs: See (Δt/ΔV) in the Section 5.4 table.
• Specified high and low levels: See (VIH and VIL) in the Section 5.4 table.
• Inputs are overvoltage tolerant allowing them to go as high as 5.5 V at any valid VCC.
2. Recommended Output Conditions
• Load currents should not exceed 25 mA per output and 50 mA total for the part.
• Outputs should not be pulled above 5.5 V.
www.ti.com
SN54LVC00A, SN74LVC00A
SCAS279S – JANUARY 1993 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: SN54LVC00A SN74LVC00A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com