Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC00ADE4 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC00ADE4
Description  SNx4LVC00A Quadruple 2-Input Positive-NAND Gates
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC00ADE4 Datasheet(HTML) 20 Page - Texas Instruments

Back Button SN74LVC00ADE4 Datasheet HTML 16Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 17Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 18Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 19Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 20Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 21Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 22Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 23Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
20-Mar-2024
TUBE
L - Tube length
T - Tube
height
W - Tube
width
B - Alignment groove width
*All dimensions are nominal
Device
Package Name
Package Type
Pins
SPQ
L (mm)
W (mm)
T (µm)
B (mm)
5962-9753301Q2A
FK
LCCC
20
55
506.98
12.06
2030
NA
5962-9753301QDA
W
CFP
14
25
506.98
26.16
6220
NA
5962-9753301VDA
W
CFP
14
25
506.98
26.16
6220
NA
SN74LVC00AD
D
SOIC
14
50
506.6
8
3940
4.32
SN74LVC00ADE4
D
SOIC
14
50
506.6
8
3940
4.32
SN74LVC00APW
PW
TSSOP
14
90
530
10.2
3600
3.5
SN74LVC00APWE4
PW
TSSOP
14
90
530
10.2
3600
3.5
SN74LVC00APWG4
PW
TSSOP
14
90
530
10.2
3600
3.5
SNJ54LVC00AFK
FK
LCCC
20
55
506.98
12.06
2030
NA
SNJ54LVC00AW
W
CFP
14
25
506.98
26.16
6220
NA
Pack Materials-Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com