Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC00ADE4 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC00ADE4
Description  SNx4LVC00A Quadruple 2-Input Positive-NAND Gates
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC00ADE4 Datasheet(HTML) 25 Page - Texas Instruments

Back Button SN74LVC00ADE4 Datasheet HTML 21Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 22Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 23Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 24Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 25Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 26Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 27Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 28Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
NOTES:
1.
All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for optimal thermal and mechanical performance.
PACKAGE OUTLINE
4224636/A 11/2018
www.ti.com
WQFN - 0.8 mm max height
PLASTIC QUAD FLAT PACK-NO LEAD
BQA0014A
A
0.08 C
0.1
C A B
0.05
C
B
SYMM
SYMM
2.6
2.4
3.1
2.9
PIN 1 INDEX AREA
0.8
0.7
0.05
0.00
SEATING PLANE
C
1.1
0.9
1.6
1.4
2X 0.5
2X
2
8X 0.5
14X 0.3
0.2
14X 0.5
0.3
(0.2) TYP
2
6
7
8
9
13
14
1
15
PIN 1 ID
(OPTIONAL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com