Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC00ADE4 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC00ADE4
Description  SNx4LVC00A Quadruple 2-Input Positive-NAND Gates
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC00ADE4 Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN74LVC00ADE4 Datasheet HTML 8Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 9Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 10Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 11Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 12Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 13Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 14Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 15Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
8.2.3 Application Curve
Figure 8-2. ICC vs Frequency
Power Supply Recommendations
The power supply can be any voltage between the MIN and MAX supply voltage rating located in the Section 5.4
table.
Each VCC pin should have a good bypass capacitor to prevent power disturbance. For devices with a single
supply, 0.1 µF is recommended; if there are multiple VCC pins, then 0.01 µF or 0.022 µF is recommended for
each power pin. It is acceptable to parallel multiple bypass caps to reject different frequencies of noise. A 0.1 µF
and a 1 µF are commonly used in parallel. The bypass capacitor should be installed as close to the power pin as
possible for best results.
8.3 Layout
8.3.1 Layout Guidelines
When using multiple bit logic devices inputs should never float.
In many cases, functions or parts of functions of digital logic devices are unused, for example, when only two
inputs of a triple-input AND gate are used or only 3 of the 4 buffer gates are used. Such input pins should not
be left unconnected because the undefined voltages at the outside connections result in undefined operational
states. Section 8.3.2 specifies the rules that must be observed under all circumstances. All unused inputs of
digital logic devices must be connected to a high or low bias to prevent them from floating. The logic level that
should be applied to any particular unused input depends on the function of the device. Generally they will be
tied to GND or VCC, whichever makes more sense or is more convenient. It is generally acceptable to float
outputs, unless the part is a transceiver.
8.3.2 Layout Example
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
2A
2B
2Y
GND
V
CC
4B
4A
3B
3A
3Y
GND
V
CC
4Y
1Y
0.1
F
Unused inputs
tied to VCC
Bypass capacitor
placed close to
the device
Avoid 90°
corners for
signal lines
Recommend GND flood fill for
improved signal isolation, noise
reduction, and thermal dissipation
Unused output
left floating
Figure 8-3. Layout Diagram for the SNx4LVC00A
SN54LVC00A, SN74LVC00A
SCAS279S – JANUARY 1993 – REVISED MARCH 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN54LVC00A SN74LVC00A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com