Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2M03GLA Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # F2M03GLA
Description  Low power Bluetooth??Module with antenna
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F2M03GLA Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button F2M03GLA Datasheet HTML 6Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 7Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 8Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 9Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 10Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 11Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 12Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 13Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
Rev: b
Low power Bluetooth
™ Module with antenna- F2M03GLA
Datasheet
5.1
Wireless UART
Free2move’s Wireless UART (WU) firmware is intended to replace the serial cable(s) connecting portable
and/or fixed electronic devices. Key features are robustness, high configurability, high security, low
complexity and low power.
The WU firmware is compliant with the Bluetooth Serial Port Profile (SPP) for setting up emulated serial
cable connections between connected devices. There is no additional need for drivers or an external host
with Bluetooth software when using the WU firmware.
Hardware
BASEBAND and RF
APPLICATION INTERFACE
HCI
LINK MANAGER
L2CAP
Device
Manager
RFCOMM
SDP
Wireless UART application (SPP)
F2M03
Host
Application
Wireless UART architecture
The WU application runs on top of an embedded Bluetooth v2.0 + EDR compliant stack, including protocols
up to the RFCOMM layer. Point-to-point connections are supported. This means that a unit running WU can
be either a master or slave unit.
The WU firmware offers one asynchronous data channel and one synchronous voice channel, both
channels capable of full duplex transmissions.
When a successful Bluetooth connection is established the data channel and the voice channel can be
used simultaneously or separately. All information sent/received at the data/voice interface of the WU unit is
exchanged transparently via Bluetooth with the connected remote device.
The WU unit is set to operate in a default mode that allows the user to communicate via the asynchronous
data channel over Bluetooth, as soon as a successful connection has been established. This can be
achieved without sending any configuration commands to the WU firmware. However, as long as there is
no Bluetooth connection established, it is possible to configure the WU firmware via hex commands
(described in the document Wireless_UART_protocol) or using a Windows configuration software.
© 2006 Free2move AB
Page 10(44)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com