Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2M03GLA Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # F2M03GLA
Description  Low power Bluetooth??Module with antenna
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F2M03GLA Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button F2M03GLA Datasheet HTML 29Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 30Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 31Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 32Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 33Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 34Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 35Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 36Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
Rev: b
Low power Bluetooth
™ Module with antenna- F2M03GLA
Datasheet
6.7
Power supply
The power supply for the F2M03GLA should be chosen carefully. Bad power supply can reduce the
performance and may damage the module. Please use the recommended voltage regulator or consult
Free2move if using another regulator. It is also essential to use a proper reset circuit to the module for
correct operation.
6.7.1
Voltage regulator
The F2M03GLA has one power supply, +VCC.
The voltage supplied should have low noise, less than 10mV rms between 0 and 10MHz. The transient
response of the regulator is also important. At the start of a Bluetooth packet, power consumption will jump
to high levels. The regulator should have a response time of 20µs or less; it is essential that the power rail
recovers quickly.
The recommended voltage regulator is:
TPS73633DBVTG4 from Texas Instrument
6.7.2
Reset
The F2M03GLA has an active low reset (pin nr: 30).The reset pin MUST be connected to either a reset-
circuit such as the TC1270SERCTR, TCM811SERCTR, DS1818 or using an I/O from a microcontroller.
Reset cannot be done with a R-C network. It is recommended to used one of the reset circuits mentioned
above. Special considerations must be taken when using an I/O from a microcontroller; a pull-down resistor
(1.8k
Ω) must be placed on the I/O-line.
It is recommended that RESET is applied for a period greater than 5ms.
At reset the digital I/O pins are set to inputs for bi-directional pins and outputs are tristated. The PIOs have
weak pull-downs.
© 2006 Free2move AB
Page 33(44)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com