Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2M03GLA Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # F2M03GLA
Description  Low power Bluetooth??Module with antenna
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F2M03GLA Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button F2M03GLA Datasheet HTML 9Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 10Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 11Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 12Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 13Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 14Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 15Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 16Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
Rev: b
Low power Bluetooth
™ Module with antenna- F2M03GLA
Datasheet
Software / Hardware Reboot
This option gives the ability to be able to reboot the module via software commands.
Inquiry
Search for other Bluetooth devices in the neighborhood.
There are three configuration parameters:
•
How many seconds the search should be active
•
A filter, used when searching for devices of as certain class
•
The possibility to include the Bluetooth name of the discovered devices
Pairing
When authentication is enabled, the devices must be paired before a successful connection can be
established.
The Wireless UART firmware can either initiate pairing with a remote device or accept pairing requests.
During a pairing PIN codes are exchanged between the local and remote device. A successful pairing
requires identical PIN codes. The result of the pairing attempt will be returned to the Host. If pairing was
successful, a unique link key has been generated and saved in non-volatile memory. The link key is used in
the connection establishment procedure for secure verification of the relationship between the paired
devices.
The Wireless UART firmware allows the user to be paired with one device at a time. The last pin code
entered and link key generated are saved.
Advanced configuration
Includes among others commands for enabling power save modes, fine tune performance, enabling
modem emulation and changing transmit power.
SCO commands
Makes it possible to establish full duplex audio connections between two WU units.
© 2006 Free2move AB
Page 13(44)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com