Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2M03GLA Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # F2M03GLA
Description  Low power Bluetooth??Module with antenna
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F2M03GLA Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button F2M03GLA Datasheet HTML 5Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 6Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 7Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 8Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 9Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 10Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 11Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 12Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
Rev: b
Low power Bluetooth
™ Module with antenna- F2M03GLA
Datasheet
BASEBAND and RF
HCI
LINK MANAGER
HCI
Host
F2M03
BASEBAND and RF
HCI
LINK MANAGER
L2CAP
Device
Manager
RFCOMM
SDP
Port Entity
Application
Host
F2M03
Bluetooth stack
Application
HCI, (Two-Processor
Architecture)
RFCOMM, (Embedded
Two-Processor Architecture)
Wireless UART
Free2move’s Wireless UART (WU) firmware is intended to replace the serial cable(s) connecting portable
and/or fixed electronic devices. Key features are robustness, high configurability, high security, low
complexity and low power. The WU firmware is compliant with the Bluetooth Serial Port Profile (SPP) for
setting up emulated serial cable connections between connected devices. There is no additional need for
drivers or an external host with Bluetooth software when using the WU firmware. When a successful
Bluetooth connection is established the data channel and the voice channel can be used simultaneously or
separately. All information sent/received at the data/voice interface of the WU unit is exchanged
transparently via Bluetooth with the connected remote device.
HCI (Standard Two-Processor Solution)
For the standard two-processor solution, where the split between higher and lower layers of the stack takes
place at the HCI, a complete Bluetooth stack is needed in the external host. It is often preferable to use this
solution when the host is a personal computer of some description. However, in general this category can
include any computing platform with communications capability that is not resource limited.
Free2move can offer a host stack solution on request.
Embedded Solution
This version of the stack firmware requires no host processor. All software layers, including application
software, run on the internal RISC processor in a protected user software execution environment.
The embedded solution can be used for a single chip Bluetooth product. One example is a cordless
headset. However this solution is equally applicable to any small wireless device that would benefit from a
single processor solution.
Free2move can offers among others the following single chip solutions upon a custom request*:
•
Headset / Hands Free
•
Human Interface Device; Mouse, keyboard etc (HID)
•
Dial Up Network (DUN)
•
Audio Gateway Profile (AGP)
•
OBEX
•
Onboard application (development of customer specific applications)
*Please consult your reseller for more information about custom firmwares.
© 2006 Free2move AB
Page 9(44)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com