Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2M03GLA Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # F2M03GLA
Description  Low power Bluetooth??Module with antenna
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F2M03GLA Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button F2M03GLA Datasheet HTML 28Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 29Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 30Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 31Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 32Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 33Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 34Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 35Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
Rev: b
Low power Bluetooth
™ Module with antenna- F2M03GLA
Datasheet
6.6
PIOs
The F2M03GLA have 10 programmable general-purpose I/O ports PIO[11:2] and two analog I/O ports
AIO[1:0]. PIO lines can be configured through software to have either weak or strong pull-ups or pull-
downs.
All PIO lines are configured as inputs with weak pull-downs at reset.
AIO[1:0] functions available via these pins include an 8-bit ADC but can also be used as general-purpose
I/O lines. Typically the AIO[0] is used for battery voltage measurement. The voltage range for AIO[1:0] is
constrained by the internal analogue supply voltage which is 1.8V.
Note:
The PIO and AIO lines are controlled by firmware specific settings. Please see specific firmware datasheet for
information about the PIOs used!
6.6.1
General-purpose I/O lines
PIO[2]
Programmable I/O terminal.
PIO[3]
Programmable I/O terminal.
PIO[4]/ BT_Priority/Ch_Clk
Programmable input/output line or Optionally BT_Priority/Ch_Clk output for co-existence signaling
PIO[5]/BT_Active
Programmable input/output line or Optionally BT_Active output for co-existence signalling
PIO[6]/WLAN_Active/Ch_Data
Programmable input/output line or Optionally WLAN_Active/Ch_Data input for co-existence signalling
PIO[7]
Programmable I/O terminal.
PIO[8]
Programmable I/O terminal.
PIO[9]
Programmable I/O terminal.
PIO[10]
Programmable I/O terminal.
PIO[11]
Programmable I/O terminal.
6.6.2
Analog I/O lines
AIO[0]
Programmable input/output line also possible to use as digital I/O
AIO[1]
Programmable input/output line also possible to use as digital I/O
© 2006 Free2move AB
Page 32(44)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com