Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2M03GLA Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # F2M03GLA
Description  Low power Bluetooth??Module with antenna
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F2M03GLA Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button F2M03GLA Datasheet HTML 17Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 18Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 19Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 20Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 21Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 22Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 23Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 24Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
Rev: b
Low power Bluetooth
™ Module with antenna- F2M03GLA
Datasheet
6.2.5 Bus-Powered Mode
In bus-powered mode the application circuit draws its current from the 5V VBUS supply on the USB cable.
F2M03 negotiates with the PC during the USB enumeration stage about power consumption.
When selecting a regulator, be aware that VBUS may go as low as 4.4V. The inrush current (when charging
reservoir and supply decoupling capacitors) is limited by the USB specification (see USB 1.1 specification,
section 7.2.4.1). Some applications may require soft-start circuitry to limit inrush current if more than 10µF
is present between VBUS and GND.
The 5V VBUS line emerging from a PC is often electrically noisy. Regulation down to e.g. VDD=3.3V should
include careful filtering of the 5V line to attenuate noise that is above the voltage regulator’s bandwidth.
Excessive noise on the VDD supply pins of F2M03 may result in reduced receive sensitivity and a distorted
transmit signal. Recommended voltage regulator for the F2M03 is presented in section 6.7.
US B +
US B –
USB O N
Connections to F2M03 for Bus-Powered Mode
Identifier
Value
Function
Rs
27Ω nominal
Impedance matching to USB cable
Rvb1
22kΩ -5%
VBUS ON sense divider
Rvb2
47kΩ - 5%
VBUS ON sense divider
USB Interface Component Values
Note:
USB ON is shared with F2M03’s PIO terminals.
© 2006 Free2move AB
Page 21(44)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com