Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2M03GLA Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # F2M03GLA
Description  Low power Bluetooth??Module with antenna
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F2M03GLA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  F2M03GLA Datasheet HTML 1Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 2Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 3Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 4Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 5Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 6Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 7Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 8Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
Rev: b
Low power Bluetooth
™ Module with antenna- F2M03GLA
Datasheet
Features
•
Fully qualified end product with
•
Bluetooth™ v2.0+EDR, CE and FCC
•
Low power consumption
•
Integrated high output antenna
•
Transmit power up to +8dBm
•
Range up to 350m (line of sight)
•
Piconet and Scatternet capability,
support for up to 7 slaves
•
Require only few external components
•
Industrial temperature range -40
°C to +85°C
•
USB v2.0 compliant
•
Extensive digital and analog I/O interface
•
PCM interface for up to 3 simultaneous voice channels
•
Large external memory for custom applications
•
Support for 802.11b/g Co-Existence
•
RoHS compliant
Applications
•
Industrial and domestic appliances
•
Cable replacement
•
Medical systems
•
Automotive applications
•
Stand-alone sensors
•
Embedded systems
•
Cordless headsets
•
Computer peripherals
(Mice, Keyboard, USB dongles, etc.)
•
Handheld, laptop and desktop computers
www.free2move.net
BLUETOOTH is a trademark owned by
Bluetooth SIG, Inc., U.S.A. and licensed to Free2move
•
Mobile phones
General Description
F2M03GLA
is
a
Low
power
embedded
Bluetooth™ v2.0+EDR module with built-in high
output
antenna.
The
module
is
a
fully
Bluetooth™ compliant device for data and voice
communication. With a transmit power of up to
+8dBm and receiver sensibility of down to
–83dBm combined with low power consumption
the F2M03GLA is suitable for the most
demanding applications. Developers can easily
implement a wireless solution into their product
even with limited knowledge in Bluetooth™ and
RF. The module is fully Bluetooth™ v2.0+EDR
qualified and it is certified according to CE and
FCC, which give fast and easy Plug-and-Go
implementation and short time to market.
The F2M03GLA comes with an on board highly
efficient omni-directional antenna that simplifies
the integration for a developers Bluetooth™
solution. The high output power combined with
the low power consumption makes this module
ideal for handheld applications and other battery
powered devices.
RoHS
COMPLIANT
2002/96/EC
F2M03GLA
can
be
delivered
with
the
exceedingly reliable and powerful easy-to-use
Wireless UART firmware implementing the
Bluetooth™
Serial
Port
Profile
(SPP).


Similar Part No. - F2M03GLA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F2M03GX-S01 ETC2-F2M03GX-S01 Datasheet
1Mb / 47P
Extended range Bluetooth??Module - F2M03GX /GXA
More results

Similar Description - F2M03GLA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PAN1721 PANASONIC-PAN1721 Datasheet
693Kb / 2P
ULTRA LOW POWER, BLUETOOTH LOW ENERGY MODULE
logo
List of Unclassifed Man...
F2M03ALA-S04 ETC2-F2M03ALA-S04 Datasheet
1Mb / 51P
Low power Audio Bluetooth Module with antenna F2M03ALA Datasheet
logo
Skyworks Solutions Inc.
SKY66111 SKYWORKS-SKY66111_11 Datasheet
184Kb / 2P
Low-Power Bluetooth Low Energy Front-End Module
logo
Abracon Corporation
ABBTM-NVC-MDCS71 ABRACON-ABBTM-NVC-MDCS71 Datasheet
6Mb / 10P
Low Power Bluetooth Module
06.29.15
ABBTM-NVC-MDCS71-MESH ABRACON-ABBTM-NVC-MDCS71-MESH Datasheet
9Mb / 9P
Low Power Bluetooth Module (supporting CSRmesh)
06.29.15
logo
Microchip Technology
RN4020 MICROCHIP-RN4020 Datasheet
1Mb / 28P
Bluetooth Low Energy Module
07/14/15
logo
Abracon Corporation
APAMBJ-145 ABRACON-APAMBJ-145 Datasheet
3Mb / 3P
Bluetooth/Wi-Fi Antenna Module
02.09.16
logo
Mitsumi Electronics, Co...
WML-C69 MITSUMI-WML-C69 Datasheet
210Kb / 2P
Bluetooth Low Energy Module
logo
Panasonic Semiconductor
PAN1740A PANASONIC-PAN1740A Datasheet
1Mb / 34P
Bluetooth Low Energy Module
PAN1760A PANASONIC-PAN1760A Datasheet
1Mb / 33P
Bluetooth Low Energy Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com