Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA82527-PLC44A-R Datasheet(PDF) 20 Page - InnovASIC, Inc

Part # IA82527-PLC44A-R
Description  Serial Communications Controller CAN Protocol
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA82527-PLC44A-R Datasheet(HTML) 20 Page - InnovASIC, Inc

Back Button IA82527-PLC44A-R Datasheet HTML 16Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 17Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 18Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 19Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 20Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 21Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 22Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 23Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 24Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
IA82527
04 May 2007
CAN Serial Communications Controller
As of Production Ver. 00
PRELIMINARY
Copyright 
 2007
EN21070504-00
www.Innovasic.com
Customer Support:
Page 20 of 45
1-888-824-4184
©
Table 7. IA82527 ISO Physical Layer DC Parameters
Signal
Parameter
Minimum
Maximum
Units
Notes
Input Voltage
−0.5
VCC + 0.5
V
—
Common Mode Range
Vss + 1.0
VCC − 1.0
V
—
Differential Input Threshold
±100
—
mV
—
Delay 1:
receive comparator input delay +
tx0/tx1 output delay
—
60
ns
Load on tx0/tx1 = 100 pF;
rx0/rx1 differential =
+100 mV to −100 mV
Delay 2:
rx0 pin delay (comparator
bypassed) +
tx0/tx1 output delay
—
50
ns
Load on tx0/tx1 = 100 pF
Source Current on tx0, tx1
—
−10
mA
VOUT = VCC − 1.0 V
Sink Current on tx0, tx1
—
10
mA
VOUT = 1.0 V
rx0 & rx1;
tx0 & tx1
Input Hysteresis for rx0/rx1
—
0
V
—
VCC/2
Reference Voltage
2.38
2.62
V
IOUT ≤ 75 µA; VCC = 5.0 V
All ratings listed are for the temperature range TA = −40°C to +125°C (VCC = 5V ± 10%).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com