Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA82527-PLC44A-R Datasheet(PDF) 19 Page - InnovASIC, Inc

Part # IA82527-PLC44A-R
Description  Serial Communications Controller CAN Protocol
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA82527-PLC44A-R Datasheet(HTML) 19 Page - InnovASIC, Inc

Back Button IA82527-PLC44A-R Datasheet HTML 15Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 16Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 17Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 18Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 19Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 20Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 21Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 22Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 23Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
IA82527
04 May 2007
CAN Serial Communications Controller
As of Production Ver. 00
PRELIMINARY
Copyright 
 2007
EN21070504-00
www.Innovasic.com
Customer Support:
Page 19 of 45
1-888-824-4184
©
Table 6. IA82527 DC Parameters
Symbol
Parameter
Pin(s)
Minimum
Maximum
Units
Notes
VCC
Supply Voltage
—
4.5
5.5
V
—
ad7–ad0
−0.5
0.5
Mode 3
p1.7–p1.0,
p2.7–p2.0
—
0.3(VCC)
Not connected to a host
CPU
rx0
—
0.5
Comparator bypassed
VIL
Voltage, Input Low
−0.5
0.8
V
All other pins
p1.7–p1.0,
p2.7–p2.0
0.7(VCC)
—
Not connected to a host
CPU
reset_n
3.0
VCC + 0.5
reset_n hysteresis = 200mV
rx0
4.0
—
Comparator bypassed
VIH
Voltage, Input High
3.0
VCC + 0.5
V
All other pins
tx0, tx1
See Table 7
VOL
Voltage, Output Low
—
0.45
V
All other pins; IOL = 1.6 mA
clkout
0.8(VCC)
—
IOH = −80 µA
tx0, tx1
See Table 7
VOH
Voltage, Output High
VCC − 0.8
—
V
All other pins; IOH = −200 µA
ILEAK
Input Leakage Current
—
±10
µA
VSS < VIN < VCC
CIN
Pin Capacitance
—
10
pF
fCRYSTAL = 1 KHz
ICC
Supply Current
—
50
mA
fCRYSTAL = 16 KHz; all pins
are driven to VSS or VCC.
ISLEEP-E
Sleep Current
—
700
VCC/2 enabled; no load.
ISLEEP-D
Sleep Current
—
100
VCC/2 disabled.
IPD
Power-Down Current
—
25
µA
xtal1 clocked; all pins driven
to VSS or VCC.
All ratings listed are for the temperature range TA = −40°C to +125°C (VCC = 5V ± 10%).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com